Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4331 Datasheet(PDF) 19 Page - Analog Devices

Part # LTC4331
Description  I2C to CAN-Physical Transceiver
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4331 Datasheet(HTML) 19 Page - Analog Devices

Back Button LTC4331 Datasheet HTML 14Page - Analog Devices LTC4331 Datasheet HTML 15Page - Analog Devices LTC4331 Datasheet HTML 16Page - Analog Devices LTC4331 Datasheet HTML 17Page - Analog Devices LTC4331 Datasheet HTML 18Page - Analog Devices LTC4331 Datasheet HTML 19Page - Analog Devices LTC4331 Datasheet HTML 20Page - Analog Devices LTC4331 Datasheet HTML 21Page - Analog Devices LTC4331 Datasheet HTML 22Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 19 / 22 page
background image
LT3960
19
Rev. A
For more information www.analog.com
TYPICAL APPLICATIONS
1A Matrix LED Dimmer with Remote I2C Control
68µH
0.22µF
274k
31.6k
2.2µF
100k
3.92k
2.2µF
100mΩ
178k
360kHz
1µF
10k
1µF
100k
10µF
1M
100nF
10µF
BST1
LT3964
SW1
VIN1
ISP1
ISN1
PWMTG1
TSET
CTRL1
RT
GND
EN/UVLO
ADDR1
ADDR2
PWM1
INTVCC
ALERT
SCL
SDA
2-WIRE I2C INTERFACE
SYNC/CLKOUT
INTVCC
FB1
LT3967
DRN8
SRC8
DRN7
SRC7
DRN6
SRC6
DRN5
SRC5
DRN4
SRC4
DRN3
SRC3
DRN2
SRC2
DRN1
SRC1
SCL
SDA
ADDR4
ADDR3
ADDR2
ADDR1
31V TO 36V
(ENABLED AT 33V,
SHUTDOWN AT 31V)
VIN
ENH
31V TO 36V
VDD
ALERT
WDI
GND
CLOCK
(FROM
LT3964)
CLOCK
RTCLK
ALERT
ALERT
INTVCC
LED1+
UP TO 26V LED
50V
×2
50V
50V
50V
499k
165k
INTVCC
ADDR-1100011
GND
49.9k
LED1+
LED1+
INTVCC
INTVCC
ADDR-0101100
POR-LED OFF
10nF
28k
22k
120
2.2µF
10k
10k
120
120
120
120
2.2µF
5k 5k
LT3960
VIN
3960 TA03
VCC
SDA
SCL
EN/MODE
CANSDAH
CANSDAL
CANSCLH
CANSCLL
LT3960
VIN
VCC
SDA
SCL
EN/MODE
3.3V
OR 5V
CANSDAH
CANSDAL
CANSCLH
CANSCLL
GND1
GND2
SDA
SCL
DIG I/O
GND
1µF
GND
CONTROLLER
I2C MASTER
GND
REMOTE I2C MASTER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com