Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT8636MPV Datasheet(PDF) 21 Page - Analog Devices

Part # LT8636MPV
Description  42V, 5A/7A Peak Synchronous Step-Down Silent Switcher with 2.5關A Quiescent Current
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8636MPV Datasheet(HTML) 21 Page - Analog Devices

Back Button LT8636MPV Datasheet HTML 17Page - Analog Devices LT8636MPV Datasheet HTML 18Page - Analog Devices LT8636MPV Datasheet HTML 19Page - Analog Devices LT8636MPV Datasheet HTML 20Page - Analog Devices LT8636MPV Datasheet HTML 21Page - Analog Devices LT8636MPV Datasheet HTML 22Page - Analog Devices LT8636MPV Datasheet HTML 23Page - Analog Devices LT8636MPV Datasheet HTML 24Page - Analog Devices LT8636MPV Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
LT8636/LT8637
21
Rev. C
For more information www.analog.com
APPLICATIONS INFORMATION
IOUT(MAX) =ILIM –
ΔIL
2
(8)
The peak-to-peak ripple current in the inductor can be
calculated as follows:
ΔIL =
VOUT
L • fSW
• 1–
VOUT
VIN(MAX)
⎛
⎝
⎜
⎞
⎠
⎟
(9)
where fSW is the switching frequency of the LT8636/
LT8637, and L is the value of the inductor. Therefore, the
maximum output current that the LT8636/LT8637 will
deliver depends on the switch current limit, the inductor
value, and the input and output voltages. The inductor
value may have to be increased if the inductor ripple cur-
rent does not allow sufficient maximum output current
(IOUT(MAX)) given the switching frequency, and maximum
input voltage used in the desired application.
In order to achieve higher light load efficiency, more
energy must be delivered to the output during the sin-
gle small pulses in Burst Mode operation such that the
LT8636/LT8637 can stay in sleep mode longer between
each pulse. This can be achieved by using a larger value
inductor (i.e., 4.7µH), and should be considered indepen-
dent of switching frequency when choosing an inductor.
For example, while a lower inductor value would typi-
cally be used for a high switching frequency application,
if high light load efficiency is desired, a higher inductor
value should be chosen. See curve in Typical Performance
Characteristics.
The optimum inductor for a given application may dif-
fer from the one indicated by this design guide. A larger
value inductor provides a higher maximum load current
and reduces the output voltage ripple. For applications
requiring smaller load currents, the value of the induc-
tor may be lower and the LT8636/LT8637 may operate
with higher ripple current. This allows use of a physically
smaller inductor, or one with a lower DCR resulting in
higher efficiency. Be aware that low inductance may result
in discontinuous mode operation, which further reduces
maximum load current.
For more information about maximum output current and
discontinuous operation, see Analog Devices Application
Note 44.
For duty cycles greater than 50% (VOUT/VIN > 0.5), a
minimum inductance is required to avoid subharmonic
oscillation (See Equation 10). See Application Note 19
for more details.
LMIN =
VIN 2 •DC – 1
(
)
3.5 • fSW
(10)
where DC is the duty cycle ratio (VOUT/VIN) and fSW is the
switching frequency.
Input Capacitors
The VIN of the LT8636/LT8637 should be bypassed with at
least three ceramic capacitors for best performance. Two
small ceramic capacitors of 1µF should be placed close to
the part; one on each side of the device (CIN1, CIN2). These
capacitors should be 0402 or 0603 in size. For automotive
applications requiring 2 series input capacitors, two small
0402 or 0603 may be placed at each side of the LT8636/
LT8637 near the VIN and GND pins.
A third, larger ceramic capacitor of 2.2µF or larger should
be placed close to CIN1 or CIN2. See layout section for
more detail. X7R or X5R capacitors are recommended for
best performance across temperature and input voltage
variations.
Note that larger input capacitance is required when a lower
switching frequency is used. If the input power source has
high impedance, or there is significant inductance due to
long wires or cables, additional bulk capacitance may be
necessary. This can be provided with a low performance
electrolytic capacitor.
A ceramic input capacitor combined with trace or cable
inductance forms a high quality (under damped) tank cir-
cuit. If the LT8636/LT8637 circuit is plugged into a live
supply, the input voltage can ring to twice its nominal
value, possibly exceeding the LT8636/LT8637’s voltage
rating. This situation is easily avoided (see Analog Devices
Application Note 88).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com