Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT8636MPV Datasheet(PDF) 23 Page - Analog Devices

Part # LT8636MPV
Description  42V, 5A/7A Peak Synchronous Step-Down Silent Switcher with 2.5關A Quiescent Current
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8636MPV Datasheet(HTML) 23 Page - Analog Devices

Back Button LT8636MPV Datasheet HTML 19Page - Analog Devices LT8636MPV Datasheet HTML 20Page - Analog Devices LT8636MPV Datasheet HTML 21Page - Analog Devices LT8636MPV Datasheet HTML 22Page - Analog Devices LT8636MPV Datasheet HTML 23Page - Analog Devices LT8636MPV Datasheet HTML 24Page - Analog Devices LT8636MPV Datasheet HTML 25Page - Analog Devices LT8636MPV Datasheet HTML 26Page - Analog Devices LT8636MPV Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 32 page
background image
LT8636/LT8637
23
Rev. C
For more information www.analog.com
APPLICATIONS INFORMATION
INTVCC Regulator
An internal low dropout (LDO) regulator produces the 3.4V
supply from VIN that powers the drivers and the internal
bias circuitry. The INTVCC can supply enough current for
the LT8636/LT8637’s circuitry and must be bypassed to
ground with a minimum of 1µF ceramic capacitor. Good
bypassing is necessary to supply the high transient cur-
rents required by the power MOSFET gate drivers. To
improve efficiency the internal LDO can also draw cur-
rent from the BIAS pin when the BIAS pin is at 3.1V or
higher. Typically the BIAS pin can be tied to the output of
the LT8636/LT8637, or can be tied to an external supply of
3.3V or above. If BIAS is connected to a supply other than
VOUT, be sure to bypass with a local ceramic capacitor. If
the BIAS pin is below 3.0V, the internal LDO will consume
current from VIN. Applications with high input voltage and
high switching frequency where the internal LDO pulls cur-
rent from VIN will increase die temperature because of the
higher power dissipation across the LDO. Do not connect
an external load to the INTVCC pin.
Frequency Compensation (LT8637 Only)
Loop compensation determines the stability and transient
performance, and is provided by the components tied to
the VC pin. Generally, a capacitor (CC) and a resistor (RC)
in series to ground are used. Designing the compensation
network is a bit complicated and the best values depend
on the application. A practical approach is to start with
one of the circuits in this data sheet that is similar to your
application and tune the compensation network to opti-
mize the performance. LTspice® simulations can help in
this process. Stability should then be checked across all
operating conditions, including load current, input voltage
and temperature. The LT1375 data sheet contains a more
thorough discussion of loop compensation and describes
how to test the stability using a transient load.
Figure  5 shows an equivalent circuit for the LT8637
control loop. The error amplifier is a transconductance
amplifier with finite output impedance. The power section,
consisting of the modulator, power switches, and inductor,
is modeled as a transconductance amplifier generating an
output current proportional to the voltage at the VC pin.
Note that the output capacitor integrates this current, and
that the capacitor on the VC pin (CC) integrates the error
amplifier output current, resulting in two poles in the loop.
A zero is required and comes from a resistor RC in series
with CC. This simple model works well as long as the value
of the inductor is not too high and the loop crossover
frequency is much lower than the switching frequency. A
phase lead capacitor (CPL) across the feedback divider can
be used to improve the transient response and is required
to cancel the parasitic pole caused by the feedback node
to ground capacitance.
VC
gm = 5S
gm = 1.7mS
CURRENT MODE
POWER STAGE
LT8637
150k
0.97V
FB
RC
R1
M2
M1
R2
CC
CF
8636 F05
+
–
CPL
C1
OUTPUT
Figure 5. Model for Loop Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com