Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSC8224 Datasheet(PDF) 1 Page - Vitesse Semiconductor Corporation

Part # VSC8224
Description  Quad Port 10/100/1000BASE-T and 1000BASE-X PHY with RGMII and RTBI MAC Interfaces
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC8224 Datasheet(HTML) 1 Page - Vitesse Semiconductor Corporation

  VSC8224 Datasheet HTML 1Page - Vitesse Semiconductor Corporation VSC8224 Datasheet HTML 2Page - Vitesse Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BENEFITS:
Eliminates Heatsinks and Fans for Gigabit to the Desktop LAN Switches
Removes 576 Passive Components in 48-port Switch Applications
Compatible with a Wide Variety of Parallel I/F Switch ICs
Simplifies PCB Layout; Eliminates PCB Trombones
Supports CAT-5, Fiber Optic, and Backplane Interfaces from a Single Device
Single Chip Solution for Flexible Media Support
Ensures Plug-n-play Link Configuration when Connected to Any Copper,
Fiber, or Backplane Link Partner
Ensures Seamless Deployment Throughout Copper and Optical Networks with
Industry’s Highest Tolerance to Noise and Substandard Cable Plants
Provides for Maximum Jumbo Frame Sizes in Custom SAN and LAN Systems
Eliminates External Components and EMI Issues
Provides Maximum System Design Flexibility
Enables Network Manufacturers to Simplify Deployment and Improve
Network Management Capabilities of Gigabit Ethernet Links
Simplifies Comprehensive In-system Test to Ensure the Highest Product
Quality
FEA TURES:
Lowest Power Consumption in the Industry at Less Than 640m W/port
(1000BASE-T mode)
Patented, Low EMI Line Driver with Integrated Line Side Termination
Resistors
Supports RGMII v1.3 (2.5V & 3.3V) & v2.0 (1.5V HSTL)
User-programmable RGMII Timing Compensation
High Performance 1.25 Gbps SerDes
Auto-media Sense Detects and Configures to Support Fiber or Copper
Media on a Per Port Basis
User-configurable Copper or Fiber Link Selection Preference with
Programmable Interrupt and Signal Detect I/O Pins on Each Port
Compliant with IEEE 802.3 (10BASE-T, 100BASE-TX, 1000BASE-T,
1000BASE-X) Specifications
>10kB Jumbo Frame Support with Programmable Synchronization
FIFOs
Five Direct Drive LEDs with On-chip Filtering
Serial LED Interface Option
VeriPHY™ Cable Diagnostics Software Suite
Full Suite of BIST, MAC, and Far-end Loopback Modes
Quad Port 10/100/1000BASE-T and 1000BASE-X PHY with RGMII and RTBI MAC Interfaces
ETHERNET PRODUCTS
PB-VSC8224-002
VSC8224
APPLICA TIONS:
High Density 10/100/100BASE-T and 1000BASE-X LAN &
Gigabit Ethernet-based SAN, NAS, and MAN Systems
MAN Switches and Routers
High Performance Workstations and Multi-Port Server NICs
Workgroup LAN Switches and Routers
Multi-Port Fiber to Copper Media Converters
PICMG 2.16 and 3.0 Backplane Applications
1000BASE-SX,
1000BASE-LX or
to Backplane
10/100/1000 Mbps
Ethernet MAC
10/100/1000 Mbps
Ethernet MAC
10/100/1000 Mbps
Ethernet MAC
10/100/1000 Mbps
Ethernet MAC
Management
Interface
Optional
EEPROM
MDC, MDIO
MDINT#_n
Serial I/F
Optics
Magnetics
Optics
Magnetics
Optics
Magnetics
Optics
Magnetics
RJ-45
RJ-45
RJ-45
RJ-45
VSC8224
Quad
10/100/1000BASE-T
1000BASE-X
Transceiver
+1.2 V
+3.3 V
RGMII, RTBI
SerDes
Copper + Optical Media (RGMII to SerDes)


Similar Part No. - VSC8224

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
VSC8224HG VITESSE-VSC8224HG Datasheet
695Kb / 2P
Quad Port 10/100/1000BASE-T and 1000BASE-X PHY with RGMII and RTBI MAC Interfaces
More results

Similar Description - VSC8224

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
VSC8234 VITESSE-VSC8234 Datasheet
432Kb / 2P
10/100/1000BASE-T PHY with SGMII and SerDes MAC Interfaces
VSC8244 VITESSE-VSC8244 Datasheet
433Kb / 2P
Quad Port 10/100/1000BASE-T PHY with RGMII / RTBI MAC Interfaces
VSC8211 VITESSE-VSC8211 Datasheet
470Kb / 2P
Single Port 10/100/1000BASE-T PHY and 1000BASE-X PHY with SGMII, SerDes, GMII, MII, TBI, RGMII / RTBI MAC Interfaces
VSC8558 VITESSE-VSC8558 Datasheet
236Kb / 2P
Octal Port 10/100/1000BASE-T and 1000BASE-X PHY
VSC8601 VITESSE-VSC8601 Datasheet
460Kb / 2P
10/100/1000BASE-T PHY with RGMII and GMII MAC Interface
VSC8601XKN VITESSE-VSC8601XKN Datasheet
861Kb / 102P
VSC8601 10/100/1000BASE-T PHY with RGMII MAC Interface
VSC8641XJF VITESSE-VSC8641XJF Datasheet
635Kb / 2P
10/100/1000BASE-T PHY with RGMII and GMII MAC Interface
VSC8224HG VITESSE-VSC8224HG Datasheet
695Kb / 2P
Quad Port 10/100/1000BASE-T and 1000BASE-X PHY with RGMII and RTBI MAC Interfaces
logo
Microsemi Corporation
VSC8504-01 MICROSEMI-VSC8504-01 Datasheet
1Mb / 136P
Quad-Port 10/100/1000BASE-T PHY with Synchronous Ethernet and QSGMII/SGMII MAC
VSC8504-02 MICROSEMI-VSC8504-02 Datasheet
1Mb / 131P
Quad-Port 10/100/1000BASE-T PHY with Synchronous Ethernet and QSGMII/SGMII MAC
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com