Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSC8224 Datasheet(PDF) 2 Page - Vitesse Semiconductor Corporation

Part # VSC8224
Description  Quad Port 10/100/1000BASE-T and 1000BASE-X PHY with RGMII and RTBI MAC Interfaces
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC8224 Datasheet(HTML) 2 Page - Vitesse Semiconductor Corporation

  VSC8224 Datasheet HTML 1Page - Vitesse Semiconductor Corporation VSC8224 Datasheet HTML 2Page - Vitesse Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Quad Port 10/100/1000BASE-T and 1000BASE-X PHY with RGMII and RTBI MAC Interfaces
VSC8224
The VSC8224 is the industry’s smallest, lowest power quad port Gigabit Ethernet transceiver and is
ideal for multi-port switch and router applications. In 1000BASE-T mode, the VSC8224’s power
consumption is 30% lower than the next best competitor. In RGMII-to-SerDes applications, its best-in-
class power consumption of 145mW per port is more than 40% lower than that of competitors. The
device’s compact 19mm x 19mm BGA package makes it ideal for high-density switch applications.
Vitesse’s mixed signal and DSP architecture yields robust performance, supporting both full and half
duplex 10BASE-T, 100BASE-TX, and 1000BASE-T over >140m of Category 5, unshielded twisted pair (UTP) cable, with
industry leading tolerance to NEXT, FEXT, Echo, and system noise.
SPECIFICA TIONS:
GENERAL DESCRIPTION:
741 Calle Plano
Camarillo, CA 93012, USA
Tel: +1 805.388.3700
Fax: +1 805.987.5896
www.vitesse.com
Vitesse, ASIC-Friendly, FibreTimer, TimeStream and Snoop Loop are trademarks of Vitesse Semiconductor Corporation.
All other trademarks or registered trademarks mentioned herein are the property of their respective holders. Vitesse
Semiconductor Corporation ("Vitesse") retains the right to make changes to its products or specifications to improve
performance, reliability or manufacturability. All information in this document, including descriptions of features,
functions, performance, technical specifications and availability, is subject to change without notice at any time.
BLOCK DIAGRAM:
CONTROL
LED INTERFACE
PCS
DECODER
PCS
ENCODER
TIMING RECOVERY
+
DAC
HYBRID
VGA
ADC
FFE
PMA (DSP Data Pump)
PCS
MDI (Analog Front End)
4
TX FIR
X4
NC1
NC2
NC3
EC
LED[4:0]_n
CLK125
MAC
REF_FILT
XTAL1/2
REF_REXT
TXD[3:0]_n
TX_CTL_n
TX_CLK_n
RXD[3:0]_n
TDP_n
TDN_n
RDP_n
MAC I/F
Port 3
Port 2
Port 1
TRELLIS
DECODER
PAM-5 SYMBOL
MAPPER,
SCRAMBLER
PAM-5 SYMBOL
DE-MAPPER,
DESCRAMBLER
Port 0
RDN_n
RX_CTL_n
RX_CLK_n
RGMII
or
RTBI
SerDes
Serial
I/O
TXVP_A_n
TXVN_A_n
TXVP_B_n
TXVN_B_n
TXVP_C_n
TXVN_C_n
TXVP_D_n
TXVN_D_n
SYSTEM
JTAG
TEST
MANAGER
MANAGEMENT
INTERFACE
CMODE[7:0]
RESET
EECLK
EEDAT
MDINT_n
MDIO
MDC
SOFT_RESET
SIGDET_n
CLK125
micro
PARAMETER
TYP
UNIT
COMMENTS
PD
<640
mW
Steady state power consumption per port (1000BASE-T)
Serial Data Rate
1.25
Gbps
SerDes interface data rate
VDD I/O
3.3, 2.5, 1.5
V
I/O power supply voltage options
VDDA
3.3
V
Analog supply voltage
VDDDIG
1.2
V
Core power supply voltage
FTOL (REFERENCE)
25
MHz
Crystal parallel resonant frequency (+/- 100ppm tolerance)
For more information on Vitesse Products visit the Vitesse web site
at www.vitesse.com or contact Vitesse Sales at (800) VITESSE
or sales@vitesse.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com