Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD78044F Datasheet(PDF) 3 Page - NEC

Part # UPD78044F
Description  8-BIT SINGLE-CHIP MICROCONTROLLER
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD78044F Datasheet(HTML) 3 Page - NEC

  UPD78044F Datasheet HTML 1Page - NEC UPD78044F Datasheet HTML 2Page - NEC UPD78044F Datasheet HTML 3Page - NEC UPD78044F Datasheet HTML 4Page - NEC UPD78044F Datasheet HTML 5Page - NEC UPD78044F Datasheet HTML 6Page - NEC UPD78044F Datasheet HTML 7Page - NEC UPD78044F Datasheet HTML 8Page - NEC UPD78044F Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 42 page
background image
µPD780016Y, 780018Y
3
The major functional differences among the subseries are shown below.
Function
Timer
VDD
I/O
MIN.
Subseries Name
8-bit 16-bit Watch WDT
Value
For Control
µPD78078
32 K-60 K
4ch
1ch
1ch
1ch
8ch
—
2ch
3ch (UART: 1ch)
88
1.8 V
µPD78070A
—
61
2.7 V
µPD780018 48 K-60 K
—
2ch
88
µPD78058F
2ch
2ch
3ch (UART: 1ch)
69
µPD78054
16 K-60 K
2.0 V
µPD780034 8 K-32 K
—
8ch
—
51
1.8 V
µPD780024
8ch
—
µPD780964
3ch
Note
—
—
8ch
2ch (UART: 2ch)
47
2.7 V
µPD780924
8ch
—
µPD78014H
2ch
1ch
1ch
2ch
53
1.8 V
µPD78018F 8 K-60 K
µPD78014
8 K-32 K
2.7 V
µPD780001 8 K
—
—
1ch
39
—
µPD78002
8 K-16 K
1ch
—
53
µPD78083
—
8ch
1ch (UART: 1ch)
33
1.8 V
—
For FIP
µPD780208 32 K-60 K 2ch
1ch
1ch
1ch
8ch
—
—
2ch
74
2.7 V
—
driving
µPD78044F 16 K-40 K
68
µPD78024
24 K-32 K
54
For LCD
µPD780308 48 K-60 K 2ch
1ch
1ch
1ch
8ch
—
—
3ch (UART: 1ch)
57
1.8 V
—
driving
µPD78064B 32 K
2ch (UART: 1ch)
2.0 V
µPD78064
16 K-32 K
For IEBus
µPD78098
32 K-60 K
2ch
1ch
1ch
1ch
8ch
—
2ch
3ch (UART: 1ch)
69
2.7 V
For LV
µPD78P0914 32 K
6ch
—
—
1ch
8ch
—
—
2ch
54
4.5 V
Note
10-bit timer: 1 channel
External
Eexpansion
8-bit
A/D
8-bit
D/A
Serial
Interface
ROM
Capacity
10-bit
A/D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com