Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC7802EUFDM Datasheet(PDF) 34 Page - Analog Devices

Part # LTC7802EUFDM
Description  40V Low IQ, 3MHz Dual, 2-Phase Synchronous Step-Down Controller with Spread Spectrum
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC7802EUFDM Datasheet(HTML) 34 Page - Analog Devices

Back Button LTC7802EUFDM Datasheet HTML 26Page - Analog Devices LTC7802EUFDM Datasheet HTML 27Page - Analog Devices LTC7802EUFDM Datasheet HTML 28Page - Analog Devices LTC7802EUFDM Datasheet HTML 29Page - Analog Devices LTC7802EUFDM Datasheet HTML 30Page - Analog Devices LTC7802EUFDM Datasheet HTML 31Page - Analog Devices LTC7802EUFDM Datasheet HTML 32Page - Analog Devices LTC7802EUFDM Datasheet HTML 33Page - Analog Devices LTC7802EUFDM Datasheet HTML 34Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 34 / 34 page
background image
LTC7802
34
Rev. 0
For more information www.analog.com
ANALOG DEVICES, INC. 2020
09/20
www.analog.com
RELATED PARTS
TYPICAL APPLICATION
Figure 12. High Efficiency 360W 2-Phase Single Output 12V Step-Down Regulator
D1
MTOP1
2m
MBOT1
0.1µF
1nF
1nF
L1, 4.7µH
7802 F12a
LTC7802
RUN1
RUN2
VFB2
MODE
INTVCC
INTVCC
VIN
VIN
16V TO 38V
VOUT
12V, 30A
SENSE1–
BOOST2
EXTVCC
VFB1
TG2
SW2
BG2
ITH1
TRACK/SS1
PGOOD1
PGOOD2
ITH2
TRACK/SS2
FREQ
PLLIN/SPREAD
SENSE1+
SW1
BG1
TG1
BOOST1
fSW = 200kHz
MTOP1,2: VISHAY SIJA72ADP
MBOT1,2: VISHAY SIR640ADP
L1,2: COILCRAFT XAL1510-472MEB
D1,2: CENTRAL SEMI CMDSH-4E
COUT: KEMET T521X337M016ATE025
GND
140k
10k
0.1µF
100pF
10nF
5.9k
185k
2m
SENSE2+
SENSE2–
100µF
10µF
+
INTVCC
VIN
D2
MTOP2
MBOT2
0.1µF
L2, 4.7µH
INTVCC
VIN
COUT
330µF
16V
10µF
×6
+
4.7µF
10pF
PART NUMBER
DESCRIPTION
COMMENTS
LTC7802-3.3
40V Dual Low IQ, 3MHz, 2-Phase Synchronous Step-Down
Controller with Spread Spectrum and Fixed 3.3VOUT1
4.5V ≤ VIN ≤ 40V, VOUT Up to 40V, IQ = 12µA Fixed Frequency
100kHz to 3MHz, 4mm × 5mm QFN-28
LTC7803
40V Low IQ, 100% Duty Cycle, Synchronous Step-Down
Controller with Spread Spectrum
4.5V ≤ VIN ≤ 40V, VOUT Up to 40V, IQ = 12µA Fixed Frequency
100kHz to 3MHz, 3mm × 3mm QFN-16/MSOP-16
LTC3807
38V Low IQ, Synchronous Step-Down Controller with
24V Output Voltage Capability
4V ≤ VIN ≤ 38V, 0.8V ≤ VOUT ≤ 24V, IQ = 50µA PLL Fixed Frequency
50kHz to 900kHz, 3mm × 4mm QFN-20/TSSOP-20
LTC3890/LTC3890-1/
LTC3890-2/LTC3890-3
60V, Low IQ, Dual 2-Phase Synchronous Step-Down
DC/DC Controller with 99% Duty Cycle
4V ≤ VIN ≤ 60V, 0.8V ≤ VOUT ≤ 24V, IQ = 50µA PLL Fixed Frequency
50kHz to 900kHz
LTC3892
60V Low IQ, Dual, 2-Phase Synchronous Step-Down
DC/DC Controller with Adjustable Gate Drive Voltage
4V ≤ VIN ≤ 60V, 0.8V ≤ VOUT ≤ 24V, IQ = 29µA PLL Fixed Frequency
50kHz to 900kHz
LTC3850
Dual, 2-Phase Synchronous Step-Down DC/DC Controller 4V ≤ VIN ≤ 24V, VOUT Up to 5.5V PLL Fixed Frequency 250kHz to 750kHz
LTC3855
Dual, Multiphase, Synchronous Step-Down DC/DC Controller
with Diff Amp and DCR Temperature Compensation
4.5V ≤ VIN ≤ 38V, 0.8V ≤ VOUT ≤ 12V PLL Fixed Frequency 250kHz
to 770kHz, Excellent Current Share
LTC3869/LTC3869-2
Dual Output, 2-Phase Synchronous Step-Down DC/DC
Controller, with Accurate Current Share
4V ≤ VIN ≤ 38V, VOUT Up to 12.5V PLL Fixed 250kHz to 750kHz
Frequency
LTC3875
Dual, 2-Phase, Synchronous Controller with Sub-Milliohm
DCR Sensing and Temperature Compensation
4.75V ≤ VIN ≤ 38V, 0.6V ≤ VOUT ≤ 3.5V/5V, Excellent Current Share
LTC3774
Dual, Multiphase Current Mode Synchronous Step-Down
DC/DC Controller for Sub-Milliohm DCR Sensing
Operates with DrMOS, Power Blocks or External Drivers/MOSFETs,
4.5V≤ VIN ≤ 38V, 0.6V ≤ VOUT ≤ 3.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com