Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS951403 Datasheet(PDF) 7 Page - Integrated Circuit Systems

Part # ICS951403
Description  AMD-K7 System Clock Chip
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS951403 Datasheet(HTML) 7 Page - Integrated Circuit Systems

Back Button ICS951403 Datasheet HTML 3Page - Integrated Circuit Systems ICS951403 Datasheet HTML 4Page - Integrated Circuit Systems ICS951403 Datasheet HTML 5Page - Integrated Circuit Systems ICS951403 Datasheet HTML 6Page - Integrated Circuit Systems ICS951403 Datasheet HTML 7Page - Integrated Circuit Systems ICS951403 Datasheet HTML 8Page - Integrated Circuit Systems ICS951403 Datasheet HTML 9Page - Integrated Circuit Systems ICS951403 Datasheet HTML 10Page - Integrated Circuit Systems ICS951403 Datasheet HTML 11Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
7
ICS951403
0486B—02/23/04
Absolute Maximum Ratings
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . 5.5 V
Logic Inputs . . . . . . . . . . . . . . . . . . . . . . . . . . . GND –0.5 V to VDD +0.5 V
Ambient Operating Temperature . . . . . . . . . . 0°C to +70°C
Storage Temperature . . . . . . . . . . . . . . . . . . . . –65°C to +150°C
Stresses above those listed under
Absolute Maximum Ratings may cause permanent damage to the device. These
ratings are stress specifications only and functional operation of the device at these or any other conditions above those
listed in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions
for extended periods may affect product reliability.
Electrical Characteristics - Input/Supply/Common Output Parameters
TA = 0 - 70°C; Supply Volt age VDD = 3.3 V +/-5% (unless otherwise stated)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Input High Voltage
VIH
2VDD + 0.3
V
Input Low Voltage
VIL
VSS - 0.3
0.8
V
Input High Current
IIH
VIN = VDD
5
A
Input Low Current
IIL1
VIN=0 V; Inputs with no pull-up resistors
-5
uA
Input Low Current
IIL2
VIN=0 V; Inputs with pull-up resistors
-200
uA
Supply Current
IDD3.3OP
CL = Full load
213
240
mA
Power Down
PD
0.07
0.6
mA
Input frequency
Fi
VDD = 3.3 V;
12
14.318
16
MHz
CIN
Logic Inputs
5
pF
Input Capacitance1
CIN
Logic Inputs
5
pF
CINX
X1 & X2 pins
27
45
pF
Clk Stabilization
1
TSTAB
From VDD= 3.3 V to 1% target Freq.
3
ms
Skew
1
tCPU-SDRAM
CPU Xover to SDRAM 1.5V
68
250
ps
Skew
1
tCPU-PCI
CPU Xover to PCI 1.5V
186
250
ps
Skew
1
tCPU-AGP
CPU Xover to AGP 1.5V
138
500
ps
1 Guaranteed by design, not 100% tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com