Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS951403 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS951403
Description  AMD-K7 System Clock Chip
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS951403 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS951403 Datasheet HTML 1Page - Integrated Circuit Systems ICS951403 Datasheet HTML 2Page - Integrated Circuit Systems ICS951403 Datasheet HTML 3Page - Integrated Circuit Systems ICS951403 Datasheet HTML 4Page - Integrated Circuit Systems ICS951403 Datasheet HTML 5Page - Integrated Circuit Systems ICS951403 Datasheet HTML 6Page - Integrated Circuit Systems ICS951403 Datasheet HTML 7Page - Integrated Circuit Systems ICS951403 Datasheet HTML 8Page - Integrated Circuit Systems ICS951403 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
Integrated
Circuit
Systems, Inc.
ICS951403
0486B—02/23/04
Block Diagram
Functionality
Pin Configuration
48-Pin SSOP & TSSOP
Recommended Application:
ATI chipset with K7 systems
Output Features:
•
3 differential pair open drain CPU clocks (1.5V
external
pull-up; up to 150MHz achieviable through I
2C)
•
2 - AGPCLK @ 3.3V
•
8 - PCI @3.3V, including 1 free running
•
1 - 48MHz @ 3.3V
•
1 - 24/48MHz @ 3.3V
•
2- REF @3.3V, 14.318MHz.
Features:
•
Programmable ouput frequency
•
Programmable ouput rise/fall time
•
Programmable group skew
•
Real time system reset output
•
Spread spectrum for EMI control typically
by 7dB to 8dB,
with programmable spread percentage
•
Watchdog timer technology to reset system
if over-clocking causes malfunction
•
Uses external 14.318MHz crystal
•
Asyncronous CPU and SDRAM clocks
•
CPU and PCI outputs are aligned
•
CPU - AGP skew <500ps
AMD-K7TM System Clock Chip
* Internal 120K pullup resistor on indicated inputs
** Internal 240K pullup resistor on indicated inputs
Power Groups
VDD48, GND48 = 48MHz, PLL2
VDDREF, GNDREF= REF, X1, X2
VDD, GND = PLL Core
SEL24_48#
SDATA
SCLK
FS (2:0)
PD#
PCI_STOP#
CPU_STOP#
SPREAD#
PLL2
PLL1
Spread
Spectrum
48MHz
24_48MHz
SDRAM_OUT
PCICLK (6:0)
AGP (1:0)
PCICLK_F
2
7
X1
X2
XTAL
OSC
CPU
DIVDER
SDRAM
DIVDER
PCI
DIVDER
AGP
DIVDER
Stop
Stop
Control
Logic
Config.
Reg.
/ 2
REF (1:0)
3
3
CPUCLKT (2:0)
CPUCLKC (2:0)
0
0
0
0
100.00
100.00
33.33
66.67
50.00
0
0
0
1
100.00
133.33
33.33
66.67
50.00
0
0
1
0
100.00
150.00
30.00
60.00
50.00
0
0
1
1
100.00
66.67
33.33
66.67
50.00
0
1
0
0
133.33
133.33
33.33
66.67
50.00
0
1
0
1
125.00
100.00
31.25
62.50
50.00
0
1
1
0
124.00
124.00
31.00
62.00
46.50
0
1
1
1
133.33
100.00
33.33
66.67
50.00
1
0
0
0
112.00
112.00
33.60
67.20
56.00
1
0
0
1
150.00
150.00
30.00
60.00
50.00
1
0
1
0
111.11
166.67
33.33
66.67
55.56
1
0
1
1
110.00
165.00
33.00
66.00
55.00
1
1
0
0
166.67
166.67
33.33
66.67
55.56
1
1
0
1
90.00
90.00
30.00
60.00
45.00
1
1
1
0
48.00
48.00
32.00
64.00
48.00
1
1
1
1
45.00
60.00
30.00
60.00
45.00
PCICLK
Bit 7
FS2
FS1
FS0
CPU
SDRAM
AGP SEL =
0
AGP SEL =
1


Similar Part No. - ICS951403

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS951403 RENESAS-ICS951403 Datasheet
646Kb / 18P
AMD-K7TM System Clock Chip
02/23/04
ICS951403YFLF-T RENESAS-ICS951403YFLF-T Datasheet
646Kb / 18P
AMD-K7TM System Clock Chip
02/23/04
More results

Similar Description - ICS951403

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9248-114 ICST-ICS9248-114 Datasheet
145Kb / 14P
AMD - K7??System Clock Chip
Rev C 01/24/01
ICS9248-141 ICST-ICS9248-141 Datasheet
155Kb / 14P
AMD - K7??System Clock Chip
Rev B 01/18/01
ICS94228 ICST-ICS94228 Datasheet
135Kb / 17P
Programmable System Clock Chip for AMD - K7??processor
ICS9248-189 ICST-ICS9248-189 Datasheet
236Kb / 15P
AMD - K7??Clock Generator for Mobile System
ICS94215 ICST-ICS94215 Datasheet
146Kb / 18P
Programmable System Clock Chip for AMD - K7??Processor
ICS94229 ICST-ICS94229 Datasheet
246Kb / 17P
Programmable System Clock Chip for AMD - K7 processor
ICS9248-163 ICST-ICS9248-163 Datasheet
300Kb / 14P
AMD - K7 System Clock Chip
Rev A 9/22/00
ICS94235 ICST-ICS94235 Datasheet
757Kb / 19P
PROGRAMMABLE SYSTEM CLOCK CHIP FOR AMD-K7 TM PROCESSOR
Rev A 01/17/02
ICS94236 ICST-ICS94236 Datasheet
388Kb / 17P
Programmable System Clock Chip for AMD - K7??processor
logo
Renesas Technology Corp
ICS9248-114 RENESAS-ICS9248-114 Datasheet
1Mb / 15P
AMD - K7 ™ System Clock Chip
12/28/01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com