Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PDT2018 Datasheet(PDF) 5 Page - Nihon Inter Electronics Corporation

Part # PDT2018
Description  THYRISTOR MODULE 200A / 800V
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIEC [Nihon Inter Electronics Corporation]
Direct Link  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation

PDT2018 Datasheet(HTML) 5 Page - Nihon Inter Electronics Corporation

  PDT2018 Datasheet HTML 1Page - Nihon Inter Electronics Corporation PDT2018 Datasheet HTML 2Page - Nihon Inter Electronics Corporation PDT2018 Datasheet HTML 3Page - Nihon Inter Electronics Corporation PDT2018 Datasheet HTML 4Page - Nihon Inter Electronics Corporation PDT2018 Datasheet HTML 5Page - Nihon Inter Electronics Corporation PDT2018 Datasheet HTML 6Page - Nihon Inter Electronics Corporation PDT2018 Datasheet HTML 7Page - Nihon Inter Electronics Corporation PDT2018 Datasheet HTML 8Page - Nihon Inter Electronics Corporation PDT2018 Datasheet HTML 9Page - Nihon Inter Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
AVERAGE ON-STATE POWER DISSIPATION
for
0
50
100
150
200
250
300
350
AVERAGE ON-STATE CURRENT (A)
0
50
100
150
200
250
300
350
PDT/PDH2018
0.02s
I TSM
=180°
θ
120°
90°
60°
30°
D.C.
=180°
θ
120°
90°
60°
30°
AVERAGE ON-STATE CURRENT VS. CASE TEMPERATURE
PDT/PDH2018
(50Hz SINUSOIDAL CURRENT WAVEFORM)
0
25
50
75
100
125
CASE TEMPERATURE (°C)
0
40
80
120
160
200
0°
180°
θ
CONDUCTION ANGLE
=180°
θ
120°
90°
60°
30°



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com