Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PDT2018 Datasheet(PDF) 1 Page - Nihon Inter Electronics Corporation

Part # PDT2018
Description  THYRISTOR MODULE 200A / 800V
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIEC [Nihon Inter Electronics Corporation]
Direct Link  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation

PDT2018 Datasheet(HTML) 1 Page - Nihon Inter Electronics Corporation

  PDT2018 Datasheet HTML 1Page - Nihon Inter Electronics Corporation PDT2018 Datasheet HTML 2Page - Nihon Inter Electronics Corporation PDT2018 Datasheet HTML 3Page - Nihon Inter Electronics Corporation PDT2018 Datasheet HTML 4Page - Nihon Inter Electronics Corporation PDT2018 Datasheet HTML 5Page - Nihon Inter Electronics Corporation PDT2018 Datasheet HTML 6Page - Nihon Inter Electronics Corporation PDT2018 Datasheet HTML 7Page - Nihon Inter Electronics Corporation PDT2018 Datasheet HTML 8Page - Nihon Inter Electronics Corporation PDT2018 Datasheet HTML 9Page - Nihon Inter Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
THYRISTOR MODULE
Maximum Ratings
Approx Net Weight:280g
Grade
Parameter
Parameter
Parameter
Parameter
Symbol
PDT/PDH2018
Unit
Repetitive Peak Off-State Voltage
VDRM
800
Non Repetitive Peak Off-State Voltage
VDSM
960
V
Repetitive Peak Reverse Voltage
VRRM
800
Non Repetitive Peak Reverse Voltage
VRSM
960
V
arameter
arameter
arameter
arameter
Conditions
Conditions
Conditions
Conditions
Max Rated
Max Rated
Max Rated
Max Rated
Value
Value
Value
Value
Unit
Average Rectified Output Current
IO(AV)
50Hz Half Sine Wave condition
Tc=65
°C
200
A
RMS On-State Current
IT(RMS)
314
A
Surge Forward Current
IFSM
50 Hz Half Sine Wave,1cycle
Non-Repetitive
4000
A
I Squared t
I2t
2msec to 10msec
80000
A2s
Critical Rate of Turned-On Current
di/dt
VD=2/3VDRM, ITM=2•IO, Tj=125
°C
IG=300mA, diG/dt=0.2A/
µs
100
A/
µs
Peak Gate Power
PGM
5
W
Average Gate Power
PG(AV)
1
W
Peak Gate Current
IGM
2
A
Peak Gate Voltage
VGM
10
V
Peak Gate Reverse Voltage
VRGM
5
V
Operating JunctionTemperature Range
Tjw
-40 to +125
°C
Storage Temperature Range
Tstg
-40 to +125
°C
Isoration Voltage
Viso
Base Plate to Terminals, AC1min
2500
V
Case mounting
M6 Screw
2.5 to 3.5
Mounting torque
Terminals
Ftor
M6 Screw
2.5 to 3.5
N•m
Value per 1 Arm
FEATURES
* 108mm Short Size Case
* Isolated Base
* Dual Thyristors or Thyristor and
Diode Cascaded Circuit
* High Surge Capability
* UL Recognized, File No. E187184
TYPICAL APPLICATIONS
* AC phase control
P
P
P
P D T 2 01 8 PDH 2 01 8
DT20 18 PDH20 1 8
DT20 18 PDH20 1 8
DT20 18 PDH20 1 8
OUTLINE DRAWING
200A / 800V
PDT
PDH


Similar Part No. - PDT2018

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PDT2018 NIEC-PDT2018 Datasheet
380Kb / 3P
200A Avg 800 Volts
logo
Kyocera Kinseki Corpota...
PDT2018 KSS-PDT2018 Datasheet
1Mb / 8P
Thyristor
logo
Nihon Inter Electronics...
PDT2018 NIEC-PDT2018_1 Datasheet
380Kb / 3P
200A Avg 800 Volts
logo
National Instruments Co...
PDT2018 NI-PDT2018_15 Datasheet
380Kb / 3P
THYRISTOR
More results

Similar Description - PDT2018

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PGH20016AM NIEC-PGH20016AM Datasheet
240Kb / 4P
THYRISTOR MODULE 200A / 1600V
PC2008 NIEC-PC2008 Datasheet
204Kb / 3P
DIODE MODULE 200A/800V
PCH2008 NIEC-PCH2008 Datasheet
256Kb / 5P
THYRISTOR MODULE 200A/800V
PD2018 NIEC-PD2018 Datasheet
172Kb / 6P
DIODE MODULE - 200A/800V
PDT2008 NIEC-PDT2008 Datasheet
262Kb / 5P
THYRISTOR MODULE 200A / 800V
PFT2004N NIEC-PFT2004N Datasheet
223Kb / 4P
THYRISTOR MODULE 200A / 400V
PFT2014N NIEC-PFT2014N Datasheet
202Kb / 4P
THYRISTOR MODULE 200A / 400V
PGH2008AM NIEC-PGH2008AM Datasheet
237Kb / 4P
THYRISTOR MODULE 200A / 800V
PT200S8 NIEC-PT200S8 Datasheet
128Kb / 3P
DIODE MODULE 200A/800V
logo
MacMic
MMK200S160B MACMIC-MMK200S160B Datasheet
392Kb / 4P
200A Thyristor Module
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com