Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD3SS212 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # HD3SS212
Description  HD3SS212 5.4Gbps DisplayPort 1.2 2-to-1 Differential Switch
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

HD3SS212 Datasheet(HTML) 4 Page - Texas Instruments

  HD3SS212 Datasheet HTML 1Page - Texas Instruments HD3SS212 Datasheet HTML 2Page - Texas Instruments HD3SS212 Datasheet HTML 3Page - Texas Instruments HD3SS212 Datasheet HTML 4Page - Texas Instruments HD3SS212 Datasheet HTML 5Page - Texas Instruments HD3SS212 Datasheet HTML 6Page - Texas Instruments HD3SS212 Datasheet HTML 7Page - Texas Instruments HD3SS212 Datasheet HTML 8Page - Texas Instruments HD3SS212 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
Table 5-1. Pin Functions (continued)
PIN
PIN NAME
I/O
DESCRIPTION
H2
H1
AUXC(p)
AUXC(n)
I/O
Port C AUX Positive Signal
Port C AUX Negative Signal
J2, H3, J1
HPDA/B/C
I/O
Port A/B/C Hot Plug Detect
B7
OE
I
Output Enable
A2, J4
VDD
Supply
3.3V Positive power supply voltage
B3, C8, G2,
G8, H4, H7
GND
Supply
Negative power supply voltage
C2, H5, H8,
J5, J8
NC
Electrically not connected
HD3SS212
SLAS822D – DECEMBER 2011 – REVISED DECEMBER 2020
www.ti.com
4
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com