Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD3SS212 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # HD3SS212
Description  HD3SS212 5.4Gbps DisplayPort 1.2 2-to-1 Differential Switch
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

HD3SS212 Datasheet(HTML) 1 Page - Texas Instruments

  HD3SS212 Datasheet HTML 1Page - Texas Instruments HD3SS212 Datasheet HTML 2Page - Texas Instruments HD3SS212 Datasheet HTML 3Page - Texas Instruments HD3SS212 Datasheet HTML 4Page - Texas Instruments HD3SS212 Datasheet HTML 5Page - Texas Instruments HD3SS212 Datasheet HTML 6Page - Texas Instruments HD3SS212 Datasheet HTML 7Page - Texas Instruments HD3SS212 Datasheet HTML 8Page - Texas Instruments HD3SS212 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
HD3SS212 5.4Gbps DisplayPort 1.2 2-to-1 Differential Switch
1 Features
• Compatible with DisplayPort 1.2 electrical standard
• 2:1 switching supporting data rates up to 5.4Gbps
• Supports HPD switching
• Wide -3dB differential BW of over 5.4 GHz
• Excellent dynamic characteristics (at 2.7GHz)
– Crosstalk = –50dB
– Isolation = –22dB
– Insertion loss = –1.4dB
– Return loss = –11 dB
– Max bit-bit skew = 4 ps
• VDD operating range 3.3 V ±10%
• Small 5 mm x 5 mm x 1 mm, 48-ball nFBGA
package
• Output enable (oe) pin disables switch to save
power
• Power consumption
– HD3SS212 <10mW (standby <30µW when OE
= L)
2 Applications
• PC & notebooks
• Tablets
• Connected peripherals & printers
3 Description
The HD3SS212 is a high-speed passive switch
capable of switching two full DisplayPort 4 lane ports
from one of two sources to one target location in an
application.
For
DisplayPort
applications
that
HD3SS212 also supports switching of the Auxiliary
(AUX) and Hot Plug Detect (HPD) signals. HPD path
is a buffer which requires a 125kΩ pull-down resistor
on the HPDC line.
A typical application would be a mother board that
includes two GPUs that need to drive one DisplayPort
sink. The GPU is selected by the Dx_SEL pin. The
HD3SS212 is offered in a 48-ball bfBGA package and
specified to operate from a single supply voltage of
3.3V over full industrial temperature range of –40°C to
105°C.
Device Information (1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
HD3SS212
nFBGA (48)
5.00 mm x 5.00 mm
(1)
For all available packages, see the orderable addendum at
the end of the datasheet.
Dx_SEL
HPDA
HPDB
VDD
OE
GND
AUXA (p)
AUXA (n)
AUXB (p)
AUXB (n)
DAz (p)
DAz (n)
DBz (p)
DBz (n)
SEL
SEL
SEL
HD3SS212
SEL = 0
SEL = 1
4
4
4
4
4
4
(z = 0,1, 2or3)
HPDC
DCz (p)
DCz (n)
AUXC (p)
AUXC (n)
SEL = 1
SEL = 0
SEL = 1
SEL = 0
125kW
Functional Block Diagram
www.ti.com
HD3SS212
SLAS822D – DECEMBER 2011 – REVISED DECEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
1
HD3SS212
SLAS822D – DECEMBER 2011 – REVISED DECEMBER 2020
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - HD3SS212

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
HD3SS212 TI1-HD3SS212 Datasheet
262Kb / 12P
5.4Gbps DisplayPort 1.2 2-to-1 Differential Switch
HD3SS212 TI2-HD3SS212 Datasheet
867Kb / 24P
HD3SS212 5.4Gbps DisplayPort 1.2 2-to-1 Differential Switch
REVISED DECEMBER 2020
HD3SS212ZQER TI1-HD3SS212ZQER Datasheet
262Kb / 12P
5.4Gbps DisplayPort 1.2 2-to-1 Differential Switch
HD3SS212ZQET TI1-HD3SS212ZQET Datasheet
262Kb / 12P
5.4Gbps DisplayPort 1.2 2-to-1 Differential Switch
HD3SS212ZXHR TI2-HD3SS212ZXHR Datasheet
867Kb / 24P
HD3SS212 5.4Gbps DisplayPort 1.2 2-to-1 Differential Switch
REVISED DECEMBER 2020
More results

Similar Description - HD3SS212

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCN3612B ONSEMI-NCN3612B Datasheet
631Kb / 11P
6-Channel Differential 1:2 Switch for PCIe 3.0 and DisplayPort 1.2
September, 2011 ??Rev. 0
logo
Texas Instruments
HD3SS212 TI1-HD3SS212 Datasheet
262Kb / 12P
5.4Gbps DisplayPort 1.2 2-to-1 Differential Switch
HD3SS213ZQER TI1-HD3SS213ZQER Datasheet
257Kb / 14P
5.4Gbps DisplayPort 1.2a 2:1/1:2 Differential Switch
HD3SS213 TI1-HD3SS213_14 Datasheet
258Kb / 15P
5.4Gbps DisplayPort 1.2a 2:1/1:2 Differential Switch
HD3SS214 TI1-HD3SS214 Datasheet
1Mb / 25P
8.1 Gbps DisplayPort 1.3 2:1/1:2 Differential Switch
HD3SS215 TI1-HD3SS215_15 Datasheet
1Mb / 31P
HD3SS215 6.0 Gbps HDMI DisplayPort 2:1/1:2 Differential Switch
HD3SS214 TI1-HD3SS214_16 Datasheet
1Mb / 25P
8.1 Gbps DisplayPort 1.3 2:1/1:2 Differential Switch
HD3SS215 TI1-HD3SS215 Datasheet
1Mb / 32P
6.0 Gbps HDMI DisplayPort 2:1/1:2 Differential Switch
HD3SS214 TI-HD3SS214_V01 Datasheet
1Mb / 32P
HD3SS214 8.1 Gbps DisplayPort 1.4 2:1/1:2 Differential Switch
HD3SS215 TI-HD3SS215_V01 Datasheet
2Mb / 39P
HD3SS215 6.0 Gbps HDMI DisplayPort 2:1/1:2 Differential Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com