Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD1836AAS Datasheet(PDF) 6 Page - Analog Devices

Part # AD1836AAS
Description  Multichannel 96 kHz Codec
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1836AAS Datasheet(HTML) 6 Page - Analog Devices

Back Button AD1836AAS Datasheet HTML 2Page - Analog Devices AD1836AAS Datasheet HTML 3Page - Analog Devices AD1836AAS Datasheet HTML 4Page - Analog Devices AD1836AAS Datasheet HTML 5Page - Analog Devices AD1836AAS Datasheet HTML 6Page - Analog Devices AD1836AAS Datasheet HTML 7Page - Analog Devices AD1836AAS Datasheet HTML 8Page - Analog Devices AD1836AAS Datasheet HTML 9Page - Analog Devices AD1836AAS Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
AD1836A
Table 7. Timing Specifications
Parameter
Comments
Min
Max
Unit
tMH
MCLK High
512 × fS Mode
18
ns
tML
MCLK Low
512 × fS Mode
18
ns
tMCLK
MCLK Period
512 × fS Mode
36
ns
fMCLK
MCLK Frequency
512 × fS Mode
27
MHz
tPDR
PD/RST Low
5
ns
MASTER CLOCK AND RESET
tPDRR
PD/RST Recovery
Reset to Active Output
4500
tMCLK
tCHH
CCLK High
10
ns
tCHL
CCLK Low
10
ns
tCDS
CDATA Setup
To CCLK Rising
5
ns
tCDH
CDATA Hold
From CCLK Rising
5
ns
tCLS
CLATCH Setup
To CCLK Rising
5
ns
tCLH
CLATCH Hold
From CCLK Falling
5
ns
tCODE
COUT Enable
From CCLK Falling
10
ns
tCOD
COUT Delay
From CCLK Falling
10
ns
tCOH
COUT Hold
From CCLK Falling
0
ns
SPI PORT
tCOTS
COUT Three-State
From CCLK Falling
10
ns
tDBH
DBCLK High
15
ns
tDBL
DBCLK Low
15
ns
fDB
DBCLK Frequency
64 × fS
ns
tDLS
DLRCLK Setup
To DBCLK Rising
0
ns
tDLH
DLRCLK Hold
From DBCLK Rising
10
ns
tDDS
DSDATA Setup
To DBCLK Rising
0
ns
DAC SERIAL PORT
(Normal Modes)
tDDH
DSDATA Hold
From DBCLK Rising
20
ns
tDBH
DBCLK High
15
ns
tDBL
DBCLK Low
15
ns
fDB
DBCLK Frequency
256 × fS
ns
tDLS
DLRCLK Setup
To DBCLK Rising
0
ns
tDLH
DLRCLK Hold
From DBCLK Rising
10
ns
tDDS
DSDATA Setup
To DBCLK Rising
0
ns
DAC SERIAL PORT
(Packed 128 Mode, Packed 256 Mode)
tDDH
DSDATA Hold
From DBCLK Rising
20
ns
tABD
ABCLK Delay
15
ns
From MCLK Transition, 256 × fS Mode
From MCLK Rising, 512 × fS Mode
tALS
LRCLK Skew
From ABCLK Falling
–2
+2
ns
ADC SERIAL PORT
(Normal Modes)
tABDD
ASDATA Delay
From ABCLK Falling
5
ns
tABD
ABCLK Delay
15
ns
From MCLK Transition, 256 × fS Mode
From MCLK Rising, 512 × fS Mode
tALS
LRCLK Skew
From ABCLK Falling
–2
+2
ns
ADC SERIAL PORT
(Packed 128 Mode, Packed 256 Mode)
tABDD
ASDATA Delay
From ABCLK Falling
5
ns
tABD
ABCLK Delay
15
ns
From MCLK Transition, 256 × fS Mode
From MCLK Rising, 512 × fS Mode
tALS
LRCLK Skew
From ABCLK Falling
–2
+2
ns
tABDD
ASDATA Delay
From ABCLK Falling
5
ns
tDDS
DSDATA1 Hold
To ABCLK Rising
0
ns
ADC SERIAL PORT
(TDM Packed AUX)
tDDH
DSDATA1 Hold
From ABCLK Rising
7
ns
tAXDS
AAUXDATA Setup
To AUXBCLK Rising
7
ns
tAXDH
AAUXDATA Hold
From AUXBCLK Rising
10
ns
AUXILIARY INTERFACE
tDXDD
DAUXDATA Delay
From AUXBCLK Falling
25
ns
Rev. 0 | Page 6 of 24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com