Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD1836AAS Datasheet(PDF) 1 Page - Analog Devices

Part # AD1836AAS
Description  Multichannel 96 kHz Codec
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1836AAS Datasheet(HTML) 1 Page - Analog Devices

  AD1836AAS Datasheet HTML 1Page - Analog Devices AD1836AAS Datasheet HTML 2Page - Analog Devices AD1836AAS Datasheet HTML 3Page - Analog Devices AD1836AAS Datasheet HTML 4Page - Analog Devices AD1836AAS Datasheet HTML 5Page - Analog Devices AD1836AAS Datasheet HTML 6Page - Analog Devices AD1836AAS Datasheet HTML 7Page - Analog Devices AD1836AAS Datasheet HTML 8Page - Analog Devices AD1836AAS Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
Multichannel 96 kHz Codec
AD1836A
FEATURES
5 V multichannel audio system
Accepts 16-/18-/20-/24-bit data
Supports 24-bit and 96 kHz sample rate
Multibit Σ-∆ modulators with data directed
scrambling
Differential output for optimum performance
ADCs: –92 dB THD + N, 105 dB SNR and dynamic range
DACs: –95 dB THD + N, 108 dB SNR and dynamic range
On-chip volume control with "auto-ramp" function
Programmable gain amplifier for ADC input
Hardware and software controllable clickless mute
Digital de-emphasis processing
Supports 256 × fS, 512 × fS, or 768 × fS master clock
Power-down mode plus soft power-down mode
Flexible serial data port with right justified, left justified, I2S
compatible, and DSP serial port modes
TDM interface mode supports 8 in/8 out using a single
SHARC® SPORT
52-lead MQFP (PQFP) plastic package
APPLICATIONS
Home theater systems
Automotive audio systems
DVD recorders
Set-top boxes
Digital audio effects processors
PRODUCT OVERVIEW
The AD1836A is a high performance, single-chip codec that
provides three stereo DACs and two stereo ADCs using ADI’s
patented multibit Σ-∆ architecture. An SPI® port is included,
allowing a microcontroller to adjust volume and many other
parameters. The AD1836A operates from a 5 V supply, with
provision for a separate output supply to interface with low
voltage external circuitry. The AD1836A is available in a 52-lead
MQFP (PQFP) package.
FUNCTIONAL BLOCK DIAGRAM
DIGITAL
FILTER
Σ-∆
DAC
DAC1L
DAC1R
CLOCK
MCLK
COUT
VREF
CONTROL PORT
CCLK
CDATA CLATCH
SERIAL
DATA
I/O
PORT
DIGITAL
FILTER
Σ-∆
ADC1L
48kHz/96kHz
PGA
Σ-∆
ADC2L
48kHz
DIGITAL
FILTER
48kHz
DLRCLK
DBCLK
DSDATA1
DSDATA2
DSDATA3
ALRCLK
ABCLK
ASDATA1
ASDATA2
CAPL1
CAPL2
CAPR1
CAPR2
PD/RST
AVDD
AGND
DVDD
DGND
2
432
PGA
Σ-∆
ADC2R
48kHz
DIGITAL
FILTER
48kHz
DIGITAL
FILTER
Σ-∆
DAC
DAC2L
DAC2R
VOLUME
DIGITAL
FILTER
Σ-∆
DAC
DAC3L
DAC3R
FILTR
ADC1L
ADC1R
ADC2L1
ADC2L2
ADC2R1
ADC2R2
VOLUME
VOLUME
VOLUME
VOLUME
VOLUME
FILTD
48kHz/96kHz
DIGITAL
FILTER
Σ-∆
ADC1R
48kHz/96kHz
48kHz/96kHz
Figure 1.
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.326.8703
© 2003 Analog Devices, Inc. All rights reserved.
Rev. 0


Similar Part No. - AD1836AAS

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1836AASZ AD-AD1836AASZ Datasheet
312Kb / 24P
Multichannel 96 kHz Codec
REV. A
AD1836AASZRL AD-AD1836AASZRL Datasheet
312Kb / 24P
Multichannel 96 kHz Codec
REV. A
More results

Similar Description - AD1836AAS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC320AD77C TI-TLC320AD77C Datasheet
215Kb / 31P
24-BIT 96 kHz STEREO AUDIO CODEC
logo
Cirrus Logic
CS4228 CIRRUS-CS4228 Datasheet
487Kb / 30P
24-Bit, 96 kHz Surround Sound Codec?
CS4228A CIRRUS-CS4228A Datasheet
518Kb / 32P
24-Bit, 96 kHz Surround Sound Codec?
logo
Analog Devices
AD1836 AD-AD1836 Datasheet
878Kb / 18P
Multichannel 96 kHz Codec
logo
Cirrus Logic
CS4228A CIRRUS-CS4228A_03 Datasheet
672Kb / 32P
24-Bit, 96 kHz Surround Sound Codec
logo
Texas Instruments
TLC320AD77 TI1-TLC320AD77 Datasheet
397Kb / 33P
24-Bit 96 kHz Stereo Audio Codec
logo
Analog Devices
AD1836AASZ AD-AD1836AASZ Datasheet
312Kb / 24P
Multichannel 96 kHz Codec
REV. A
AD1836 AD-AD1836_15 Datasheet
884Kb / 18P
Multichannel 96 kHz Codec
REV. PrC
AD1836A AD-AD1836A_15 Datasheet
312Kb / 24P
Multichannel 96 kHz Codec
REV. A
logo
Texas Instruments
PCM3060 TI1-PCM3060_15 Datasheet
1Mb / 49P
96/192-kHz ASYNCHRONOUS STEREO AUDIO CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com