Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMUX7412F Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TMUX7412F
Description  TMUX741xF 짹60 V Fault-protected, 1:1 (SPST), 4-Channel Switches with 1.8-V Logic
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMUX7412F Datasheet(HTML) 2 Page - Texas Instruments

  TMUX7412F Datasheet HTML 1Page - Texas Instruments TMUX7412F Datasheet HTML 2Page - Texas Instruments TMUX7412F Datasheet HTML 3Page - Texas Instruments TMUX7412F Datasheet HTML 4Page - Texas Instruments TMUX7412F Datasheet HTML 5Page - Texas Instruments TMUX7412F Datasheet HTML 6Page - Texas Instruments TMUX7412F Datasheet HTML 7Page - Texas Instruments TMUX7412F Datasheet HTML 8Page - Texas Instruments TMUX7412F Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
Table of Contents
1 Features............................................................................1
2 Applications..................................................................... 1
3 Description.......................................................................1
4 Revision History.............................................................. 2
5 Device Comparison Table...............................................3
6 Pin Configuration and Functions...................................4
7 Specifications.................................................................. 5
7.1 Absolute Maximum Ratings ....................................... 5
7.2 ESD Ratings .............................................................. 5
7.3 Thermal Information ...................................................5
7.4 Recommended Operating Conditions ........................6
7.5 Electrical Characteristics (Global) ..............................6
7.6 Electrical Characteristics (Dual Supply: ±15 V) ......... 7
7.7 Electrical Characteristics (Dual Supply: ±20 V) ....... 10
7.8 Electrical Characteristics (Single Supply: 12 V) .......13
8 Parameter Measurement Information.......................... 16
8.1 Truth Tables.............................................................. 16
8.2 On-Resistance.......................................................... 16
8.3 Off-Leakage Current................................................. 17
8.4 On-Leakage Current................................................. 17
8.5 Input and Output Leakage Current Under
Overvoltage Fault........................................................ 18
8.6 Break-Before-Make Delay.........................................19
8.7 Turn-On and Turn-Off Time.......................................19
8.8 Charge Injection........................................................20
8.9 Off Isolation...............................................................20
8.10 Inter-Channel Crosstalk.......................................... 21
8.11 Bandwidth............................................................... 21
9 Detailed Description......................................................22
9.1 Overview................................................................... 22
9.2 Functional Block Diagram......................................... 22
9.3 Feature Description...................................................22
9.4 Device Functional Modes..........................................24
10 Application and Implementation................................ 25
10.1 Application Information........................................... 25
10.2 Typical Application.................................................. 25
11 Power Supply Recommendations..............................26
12 Layout...........................................................................27
12.1 Layout Guidelines................................................... 27
12.2 Layout Example...................................................... 27
13 Device and Documentation Support..........................28
13.1 Documentation Support.......................................... 28
13.2 Receiving Notification of Documentation Updates..28
13.3 Support Resources................................................. 28
13.4 Trademarks.............................................................28
13.5 Electrostatic Discharge Caution..............................28
13.6 Glossary..................................................................28
14 Mechanical, Packaging, and Orderable
Information.................................................................... 28
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
DATE
REVISION
NOTES
March 2021
*
Initial Release
TMUX7411F, TMUX7412F, TMUX7413F
SCDS404 – MARCH 2021
www.ti.com
2
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TMUX7411F TMUX7412F TMUX7413F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com