Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMUX7412F Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TMUX7412F
Description  TMUX741xF 짹60 V Fault-protected, 1:1 (SPST), 4-Channel Switches with 1.8-V Logic
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMUX7412F Datasheet(HTML) 21 Page - Texas Instruments

Back Button TMUX7412F Datasheet HTML 17Page - Texas Instruments TMUX7412F Datasheet HTML 18Page - Texas Instruments TMUX7412F Datasheet HTML 19Page - Texas Instruments TMUX7412F Datasheet HTML 20Page - Texas Instruments TMUX7412F Datasheet HTML 21Page - Texas Instruments TMUX7412F Datasheet HTML 22Page - Texas Instruments TMUX7412F Datasheet HTML 23Page - Texas Instruments TMUX7412F Datasheet HTML 24Page - Texas Instruments TMUX7412F Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
8.10 Inter-Channel Crosstalk
Figure 8-10 shows how the inter-channel crosstalk (XTALK(INTER)) measures the voltage at the source pin (Sx) of
an on-switch input when a 1-VRMS signal is applied at the source pin of an on-switch input in a different channel.
+JPAN F ?D=JJAH %NKOOP=HG = 20 × .KC
8176
85
INx
GND
VINx
SX
VS
VOUT
RS
50Ÿ
Network Analyzer
VDD
VSS
VDD
VSS
GND
0.1 µF
GND
0.1 µF
50Ÿ
50Ÿ
50Ÿ
Other
Sx/ Dx
pins
SW
SW
DX
SY
DY
Figure 8-10. Inter-Channel Crosstalk Measurement Setup
8.11 Bandwidth
Bandwidth (BW) is defined as the range of frequencies that are attenuated by < 3 dB when the input is applied to
the source pin (Sx) of an on-channel, and the output is measured at the drain pin (Dx) of the device. Figure 8-11
shows the setup used to measure bandwidth of the switch.
$=J@SE@PD = 20 × .KC
8176
85
SELx
GND
VSELx
SX
Dx
VS
VOUT
RS
50Ÿ
Network Analyzer
VDD
VSS
VDD
VSS
GND
0.1 µF
GND
0.1 µF
SW
50Ÿ
Other
Sx/ Dx
pins
Figure 8-11. Bandwidth Measurement Setup
www.ti.com
TMUX7411F, TMUX7412F, TMUX7413F
SCDS404 – MARCH 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: TMUX7411F TMUX7412F TMUX7413F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com