Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMSZ2V0CWG Datasheet(PDF) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # MMSZ2V0CWG
Description  500mW SOD-123 SURFACE MOUNT Gull Wing Lead Surface Mount Plastic Package
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

MMSZ2V0CWG Datasheet(HTML) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  MMSZ2V0CWG Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd MMSZ2V0CWG Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd MMSZ2V0CWG Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd MMSZ2V0CWG Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Electrical Characteristics
TA = 25°C unless otherwise noted
Device
Type
Device
Marking
VZ @ IZT
(Volts)
IZT
(mA)
ZZT @ IZT
(
Ω)
Max
IZK
(mA)
ZZK @ IZK
(
Ω)
Max
IR @ VR
(
μA)
Max
VR
(Volts)
Min
Nom
Max
MMSZ15VCWG
15VZ
14.25
15
15.75
5
30
1
188
0.045
10.5
MMSZ16VCWG
16VZ
15.20
16
16.80
5
40
1
188
0.045
11.2
MMSZ18VCWG
18VZ
17.10
18
18.90
5
45
1
212
0.045
12.6
MMSZ20VCWG
20VZ
19.00
20
21.00
5
55
1
212
0.045
14.0
MMSZ22VCWG
22VZ
20.90
22
23.10
5
55
1
235
0.045
15.4
MMSZ24VCWG
24VZ
22.80
24
25.20
5
70
1
235
0.045
16.8
MMSZ27VCWG
27VZ
25.65
27
28.35
2
80
0.5
282
0.045
18.9
MMSZ30VCWG
30VZ
28.50
30
31.50
2
80
0.5
282
0.045
21.0
MMSZ33VCWG
33VZ
31.35
33
34.65
2
80
0.5
306
0.045
23.0
MMSZ36VCWG
36VZ
34.20
36
37.80
2
90
0.5
329
0.045
25.2
MMSZ39VCWG
39VZ
37.05
39
40.95
2
130
0.5
329
0.045
27.3
MMSZ43VCWG
43VZ
40.85
43
45.15
2
150
0.5
353
0.045
30.1
MMSZ47VCWG
47VZ
44.65
47
49.35
2
170
0.5
353
0.045
33.0
MMSZ51VCWG
51VZ
48.45
51
53.55
2
180
0.5
376
0.045
35.7
MMSZ56VCWG
56VZ
53.20
56
58.80
2
200
0.5
400
0.045
39.2
MMSZ62VCWG
62VZ
58.90
62
65.10
2
215
0.5
423
0.045
43.4
MMSZ68VCWG
68VZ
64.60
68
71.40
2
240
0.5
447
0.045
47.6
MMSZ75VCWG
75VZ
71.25
75
78.75
2
255
0.5
470
0.045
52.5
VF Forward Voltage = 900mV Maximum @ IF = 10 mA for all types
Notes:
1.
The Zener Voltage (V
Z) is tested under pulse condition of 10mS.
2.
The device numbers listed have a standard tolerance on the nominal zener voltage of ±5%.
3.
For detailed information on price, availability and delivery of nominal zener voltages between the voltages shown and tighter
voltage tolerances, contact your nearest Tak Cheong Electronics representative.
4.
The zener impedance is derived from the 60-cycle ac voltage, which results when an ac current having an rms value equal to
10% of the dc zener current (I
ZT or IZK) is superimposed to IZT or IZK.
MMSZ2V0CWG-MMSZ75VCWG
Rev 2.0 :
www.leiditech.com
12.01.2019
2/4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com