Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMSZ2V0CWG Datasheet(PDF) 4 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # MMSZ2V0CWG
Description  500mW SOD-123 SURFACE MOUNT Gull Wing Lead Surface Mount Plastic Package
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

MMSZ2V0CWG Datasheet(HTML) 4 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  MMSZ2V0CWG Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd MMSZ2V0CWG Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd MMSZ2V0CWG Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd MMSZ2V0CWG Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
SOD123 Gull Wing Lead Package Outline
Typical Soldering Pattern:
DIM
MILLIMETERS
INCHES
MIN
MAX
MIN
MAX
A
1.05
1.25
0.041
0.049
A1
0.00
0.10
0.000
0.004
A2
1.05
1.15
0.041
0.045
b
0.50
0.70
0.020
0.028
c
0.08
0.15
0.003
0.006
D
1.50
1.70
0.059
0.067
E
2.60
2.80
0.102
0.110
E1
3.55
3.85
0.140
0.152
L
0.50 REF.
0.020 REF.
L1
0.25
0.45
0.010
0.018
θ
0
O
8
O
0
O
8
O
Note:
Dimensions are exclusive of Burrs, Mold Flash & Tie Bar extrusions.
Fig.7 TYPICAL LEAKGE CURRENT
MMSZ2V0CWG-MMSZ75VCWG
Shanghai Leiditech Electronic Co.,Ltd
Email: sale1@leiditech.com
Tel : +86- 021 50828806
Fax : +86- 021 50477059
Rev 2.0 :
www.leiditech.com
12.01.2019
4/4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com