Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBR20200CT Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # MBR20200CT
Description  Dual Schottky Barrier Rectifier Reverse Voltage 200 Volts , Forward Current 20A
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

MBR20200CT Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  MBR20200CT Datasheet HTML 1Page - First Silicon Co., Ltd MBR20200CT Datasheet HTML 2Page - First Silicon Co., Ltd MBR20200CT Datasheet HTML 3Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SEMICONDUCTOR
TECHNICAL DATA
2012. 01.27
1/3
Revision No : 0
MBR20200CT, MBRF20200CT
Dual Schottky Barrier Rectifier
Reverse Voltage 200 Volts , Forward Current 20A
Plastic package has Underwriters Laboratory Flammability
Classification 94V-0
Dual rectifier construction, positive center tap
Metal silicon junction, majority carrier conduction
Low power loss, high efficiency
Guardring for overvoltage protection
For use in low voltage, high frequency inverters, free wheeling,
and polarity protection applications
High temperature soldering guaranteed:
250°C/10 seconds, 0.25" (6.35mm) from case
Case: JEDEC TO-220AB, TO-220F molded plastic body
Terminals: Plated leads, solderable per MIL-STD-750, Method 2026
Polarity: As marked
Mounting Position: Any
Mounting Torque: 10 in-lbs maximum
Weight: 0.08 ounce, 2.24 grams
a
t
a
D
l
a
c
i
n
a
h
c
e
M
s
e
r
u
t
a
e
F
TO-220AB
TO-220F


Similar Part No. - MBR20200CT

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MBR20200CT MOTOROLA-MBR20200CT Datasheet
78Kb / 4P
SWITCHMODE??Power Dual Schottky Rectifier
logo
Micro Commercial Compon...
MBR20200CT MCC-MBR20200CT Datasheet
393Kb / 2P
20 Amp High Voltage 200Volts Barrier Rectifier Power Schottky
logo
Taiwan Semiconductor Co...
MBR20200CT TSC-MBR20200CT Datasheet
102Kb / 2P
20.0 AMPS. Schottky Barrier Rectifiers
logo
KEC(Korea Electronics)
MBR20200CT KEC-MBR20200CT Datasheet
35Kb / 2P
SWITCHING TYPE POWER SUPPLY APPLICATION CONVERTER & CHOPPER APPLICATION
logo
Sirectifier Semiconduct...
MBR20200CT SIRECTIFIER-MBR20200CT Datasheet
193Kb / 2P
Wide Temperature Range and High Tjm Schottky Barrier Rectifiers
More results

Similar Description - MBR20200CT

ManufacturerPart #DatasheetDescription
logo
Rugao Dachang Electroni...
MBR2040CT DACHANG-MBR2040CT Datasheet
134Kb / 2P
Schottky Barrier Rectifier Reverse Voltage 40 to 200 V Forward Current 20A
MBRF2040CT DACHANG-MBRF2040CT Datasheet
135Kb / 2P
Schottky Barrier Rectifier Reverse Voltage 40 to 200 V Forward Current 20A
logo
Microdiode Semiconducto...
SR1020 CHENDA-SR1020 Datasheet
334Kb / 2P
SCHOTTKY BARRIER RECTIFIER Reverse Voltage - 20 to 200 Volts Forward Current - 10.0Amperes
SR15200 CHENDA-SR15200 Datasheet
350Kb / 2P
SCHOTTKY BARRIER RECTIFIER Reverse Voltage - 20 to 200 Volts Forward Current - 10.0Amperes
SRF830 CHENDA-SRF830 Datasheet
330Kb / 2P
SCHOTTKY BARRIER RECTIFIER Reverse Voltage - 20 to 200 Volts Forward Current - 10.0Amperes
SRF850 CHENDA-SRF850 Datasheet
330Kb / 2P
SCHOTTKY BARRIER RECTIFIER Reverse Voltage - 20 to 200 Volts Forward Current - 10.0Amperes
SRF870 CHENDA-SRF870 Datasheet
330Kb / 2P
SCHOTTKY BARRIER RECTIFIER Reverse Voltage - 20 to 200 Volts Forward Current - 10.0Amperes
logo
First Silicon Co., Ltd
TMBRF20100CT FS-TMBRF20100CT Datasheet
402Kb / 2P
Dual Schottky Barrier Rectifiers Reverse Voltage 100 Volts , Forward Current 20A
MBRB20200CT FS-MBRB20200CT Datasheet
222Kb / 3P
Dual Schottky Barrier Rectifier Reverse Voltage 200 Volts , Forward Current 20A
MBR10200CT FS-MBR10200CT Datasheet
227Kb / 3P
Dual Schottky Barrier Rectifier Reverse Voltage 200 Volts , Forward Current 10A
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com