Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSC8150 Datasheet(PDF) 7 Page - Vitesse Semiconductor Corporation

Part # VSC8150
Description  2.488Gb/s SONET/SDH Overhead Monitor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC8150 Datasheet(HTML) 7 Page - Vitesse Semiconductor Corporation

Back Button VSC8150 Datasheet HTML 3Page - Vitesse Semiconductor Corporation VSC8150 Datasheet HTML 4Page - Vitesse Semiconductor Corporation VSC8150 Datasheet HTML 5Page - Vitesse Semiconductor Corporation VSC8150 Datasheet HTML 6Page - Vitesse Semiconductor Corporation VSC8150 Datasheet HTML 7Page - Vitesse Semiconductor Corporation VSC8150 Datasheet HTML 8Page - Vitesse Semiconductor Corporation VSC8150 Datasheet HTML 9Page - Vitesse Semiconductor Corporation VSC8150 Datasheet HTML 10Page - Vitesse Semiconductor Corporation VSC8150 Datasheet HTML 11Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
© VITESSE SEMICONDUCTOR CORPORATION
Page 7
10/12/98
741 Calle Plano, Camarillo, CA 93012 • 805/388-3700 • FAX: 805/987-5896
VITESSE
SEMICONDUCTOR CORPORATION
Preliminary Data Sheet
VSC8150
2.488Gb/s SONET/SDH
Overhead Monitor
G52186-0, Rev. 3.0
The high speed data and clock output drivers consist of a differential pair designed to drive a 50
Ω transmis-
sion line. The transmission line should be terminated with a 100
Ω resistor at the load between true and comple-
ment outputs (See Figure 5). No connection to a termination voltage is required. The output driver is back
terminated to 50
Ω on-chip, providing a snubbing of any reflections. If used single-ended, the high speed output
driver must still be terminated differentially at the load with a 100
Ω resistor between true and complement out-
puts.
Figure 6: Transport Overhead
Note: Only bytes from the first STS-1 of the SONET signal are output from the SOHOUT[7:0] port.
STS-48(2)
STS-48(1)
STM-1(1)
Framing
A1
Framing
A2
STS-48
J0
BIP-8
STS-48
B1
Orderwire
E1
User
F1
Datacom
D1
Pointer
H1
Pointer
Action
H3
BIP-8
STS-48(1)
B2
APS
K1
APS
K2
Sync
S1
REI-L
M0
Orderwire
E2
Datacom
D2
Datacom
D3
Pointer
H2
Datacom
D4
Datacom
D5
Datacom
D6
Datacom
D7
Datacom
D8
Datacom
D9
Datacom
D10
Datacom
D11
Datacom
D12
STS-48(3)
STS-48(48)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com