Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSC8150 Datasheet(PDF) 1 Page - Vitesse Semiconductor Corporation

Part # VSC8150
Description  2.488Gb/s SONET/SDH Overhead Monitor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC8150 Datasheet(HTML) 1 Page - Vitesse Semiconductor Corporation

  VSC8150 Datasheet HTML 1Page - Vitesse Semiconductor Corporation VSC8150 Datasheet HTML 2Page - Vitesse Semiconductor Corporation VSC8150 Datasheet HTML 3Page - Vitesse Semiconductor Corporation VSC8150 Datasheet HTML 4Page - Vitesse Semiconductor Corporation VSC8150 Datasheet HTML 5Page - Vitesse Semiconductor Corporation VSC8150 Datasheet HTML 6Page - Vitesse Semiconductor Corporation VSC8150 Datasheet HTML 7Page - Vitesse Semiconductor Corporation VSC8150 Datasheet HTML 8Page - Vitesse Semiconductor Corporation VSC8150 Datasheet HTML 9Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
© VITESSE SEMICONDUCTOR CORPORATION
Page 1
10/12/98
741 Calle Plano, Camarillo, CA 93012 • 805/388-3700 • FAX: 805/987-5896
VITESSE
SEMICONDUCTOR CORPORATION
Preliminary Data Sheet
VSC8150
2.488Gb/s SONET/SDH
Overhead Monitor
G52186-0, Rev. 3.0
Features
General Description
The VSC8150 monitors an SONET/SDH signal in order to provide section and line data for Operations,
Administration, Maintenance, and Provisioning (OAM&P) at multiple SONET/SDH rates. Differential PECL
clock and data input receivers and a differential data output isolate the high-speed interface. Low-speed TTL
inputs and outputs allow the use of inexpensive programmable logic to perform OAM&P functions. The
VSC8150 is an ideal solution for constructing a non-intrusive SONET/SDH monitoring interface when visibil-
ity of payload data is not required.
Functional Description
The VSC8150 high-speed interface receives recovered SONET/SDH data RXSIN
+/− and clock RXS-
CLKIN
+/− and provides a re-timed data output RXSLBOUT+/−. Internally the data is framed and SEF/LOF
framing alarms generated. Incoming B1 parity is calculated and compared with the transmitted B1 value, and
detected errors are output. The 27 bytes of the first STS-1 transport overhead are descrambled and output for
processing.
VSC8150 Functional Block Diagram
• Integrated 2.488 Gb/s Demultiplexer
• Outputs SONET/SDH Transport Overhead
• Support for Multiple SONET/SDH Rates
• B1 Calculation and Error Reporting
• LOF/SEF Alarm Generation
• Serial Data Loopthrough Output
• 100 PQFP Package
• Single 3.3V Supply Option
FRAMER
B1 CHECK
1:8
DMX
DESCRAMBLER
CONTROL
&
ALARM DETECTION
311MHz INTERNAL
CLOCK SOURCE
SOHCLK
SOHOUT[7:0]
RXFPOUT
RXFRERR
RXSEF
RXLOF
B1ERR
RESET
SELFRDET[1:0]
FRDETEN
RXSIN+/-
RXSCLKIN+/-
RXSLBOUT+/-
LOS
OVERHEAD
LATCH
RXPCLKIN
RXPIN[7:0]
RATESEL[1:0]
DISDSCRM


Similar Part No. - VSC8150

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
VSC8151 VITESSE-VSC8151 Datasheet
471Kb / 30P
2.488Gb/s SONET/SDH STS-48/STM-16 Section Terminator
VSC8151QV VITESSE-VSC8151QV Datasheet
471Kb / 30P
2.488Gb/s SONET/SDH STS-48/STM-16 Section Terminator
More results

Similar Description - VSC8150

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM5312 PMC-PM5312 Datasheet
77Kb / 2P
SONET/SDH Transport Overhead Terminating Transceiver
PM5343 PMC-PM5343 Datasheet
1Mb / 2P
SONET/SDH TRANSPORT OVERHEAD TRANSCEIVER
PM5362 PMC-PM5362 Datasheet
1Mb / 2P
SONET/SDH TRIBUTARY UNIT PAYLOAD PROCESSOR / PERFORMANCE MONITOR
logo
Vitesse Semiconductor C...
VSC8151 VITESSE-VSC8151 Datasheet
471Kb / 30P
2.488Gb/s SONET/SDH STS-48/STM-16 Section Terminator
VSC8132 VITESSE-VSC8132 Datasheet
121Kb / 14P
2.488Gb/s 1:32 SONET/SDH Demux
VSC8144 VITESSE-VSC8144 Datasheet
17Kb / 1P
2.488Gb/s 4:1 SONET/SDH Transceiver with Integrated Clock Generator
VSC7925 VITESSE-VSC7925 Datasheet
106Kb / 10P
SONET/SDH 2.5Gb/s Laser Diode Driver
logo
Agere Systems
TSOT0410G4 AGERE-TSOT0410G4 Datasheet
2Mb / 190P
SONET/SDH STS-192 Overhead and Path Processor
May 2003
logo
PMC-Sierra, Inc
PM5312STTX PMC-PM5312STTX Datasheet
493Kb / 140P
SONET/SDH TRANSPORT OVERHEAD TERMINATING TRANSCEIVER TELECOM STANDARD PRODUCT
PM5343STXC PMC-PM5343STXC Datasheet
1Mb / 198P
SONET/SDH TRANSPORT OVERHEAD TRANSCEIVER TELECOM STANDARD PRODUCT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com