Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPPC Datasheet(PDF) 12 Page - Carlo Gavazzi Holding AG

Part # SPPC
Description  Single Phase Power Supply
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CARLOGAVAZZI [Carlo Gavazzi Holding AG]
Direct Link  https://gavazziautomation.com/
Logo CARLOGAVAZZI - Carlo Gavazzi Holding AG

SPPC Datasheet(HTML) 12 Page - Carlo Gavazzi Holding AG

Back Button SPPC Datasheet HTML 8Page - Carlo Gavazzi Holding AG SPPC Datasheet HTML 9Page - Carlo Gavazzi Holding AG SPPC Datasheet HTML 10Page - Carlo Gavazzi Holding AG SPPC Datasheet HTML 11Page - Carlo Gavazzi Holding AG SPPC Datasheet HTML 12Page - Carlo Gavazzi Holding AG SPPC Datasheet HTML 13Page - Carlo Gavazzi Holding AG SPPC Datasheet HTML 14Page - Carlo Gavazzi Holding AG SPPC Datasheet HTML 15Page - Carlo Gavazzi Holding AG SPPC Datasheet HTML 16Page - Carlo Gavazzi Holding AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 36 page
background image
12
Carlo Gavazzi Automation S.p.A.
SPPC
SPPC DS ENG
12/11/2020
SMPS Cover
Customare Plate
Assemble Screw
L<= 4mm
L
13 (0.51”)
8
7
R1.75
10
1.5 (0.05”)
17.5 (0.68”)
74 (2.91”)
87 (3.42”)
5.5 (0.2”)
9
1
3
5
2
4
6
99 (3.89”)
91.5 (3.6”)
5.8 (0.22”)
8.1 (0.31”)
9.53 (0.37”)
6.7 (0.26”)
4.5 (0.17”)
Ø 3.5
R1.75
93.5 (3.6”)
6.7 (0.2”)
3 (0.11”)
55 (2.16”)
20.5 (0.8”)
4-M3
129 (5”)
120.25 ( 4.7”)
51
R32
4.5 (0.1”)
3.5
78 (3”)
23.38
(0.9”)
CON 1
3
4
2
5
6
1
77 (3”)
14
15
12
11
13
16
119.5 (4.7”)
2-R1.75
87 (3.42”)
20 (0.7”)
Customer Plate
SMPS Cover
Assemble Screw
L
L < = 4 mm (0.15”)
6.5 (0.2”)
ø3.5 (0.1”)
3-M3
SPPC 50W
Unit: mm
SPPC 75W
Unit: mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com