Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPPC Datasheet(PDF) 24 Page - Carlo Gavazzi Holding AG

Part # SPPC
Description  Single Phase Power Supply
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CARLOGAVAZZI [Carlo Gavazzi Holding AG]
Direct Link  https://gavazziautomation.com/
Logo CARLOGAVAZZI - Carlo Gavazzi Holding AG

SPPC Datasheet(HTML) 24 Page - Carlo Gavazzi Holding AG

Back Button SPPC Datasheet HTML 20Page - Carlo Gavazzi Holding AG SPPC Datasheet HTML 21Page - Carlo Gavazzi Holding AG SPPC Datasheet HTML 22Page - Carlo Gavazzi Holding AG SPPC Datasheet HTML 23Page - Carlo Gavazzi Holding AG SPPC Datasheet HTML 24Page - Carlo Gavazzi Holding AG SPPC Datasheet HTML 25Page - Carlo Gavazzi Holding AG SPPC Datasheet HTML 26Page - Carlo Gavazzi Holding AG SPPC Datasheet HTML 27Page - Carlo Gavazzi Holding AG SPPC Datasheet HTML 28Page - Carlo Gavazzi Holding AG Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 36 page
background image
24
Carlo Gavazzi Automation S.p.A.
SPPC
SPPC DS ENG
12/11/2020
SPPC
25W
35W
50W
75W
150W 1F
150W 1FC
Rated output
current at
different output
voltages
5
5 A
6 A
8 A
12 A
30.0 A
-
12
2.1 A
3 A
4.2 A
6 A
12.5 A
15
1.7 A
2.4 A
3.4 A
5 A
10.0 A
24
1.1 A
1.5 A
2.2 A
3.2 A
6.3 A
36
-
-
-
-
4.1 A
-
48
-
0.76 A
1.12 A
1.6 A
3.2 A
Ripple and noise
at different output
voltages
*Note
5
< 80 mV
< 50 mV (0°C ~
70°C)
< 80 mV ( -25 °C
~ 0°C)
< 80 mV (0°C ~
70 °C)
< 80 mV (-25 °C
~ 70°C)
<50mV(0°C ~
70 °C)
<80mV(-25 °C ~
70°C)
< 100 mV
-
12
< 120 mV
< 80 mV (0°C ~
70 °C)
< 180 mV(-25 °C
~ 0°C)
< 120 mV (0°C ~
70 °C)
< 200 mV (-25 °C
~ 70°C)
< 80 mV (0°C ~
70 °C)
<200mV(-25 °C ~
70°C)
≤ 100 mV
( 0°C ~ 70°C)
≤ 200 mV
( -20°C ~ 0°C)
15
< 150 mV
< 120 mV (0°C ~
70 °C)
< 200 mV (-25 °C
~ 0°C)
24
<240 mV
< 120 mV (0°C ~
70 °C)
< 200 mV(-25 °C
~ 0°C)
< 200 mV (0°C ~
70 °C)
< 300 mV (-25 °C
~ 70°C)
< 150 mV
36
-
-
-
-
< 240 mV
48
-
< 180 mV (0°C ~
70°C)
< 240 mV(-25 °C
~ 0°C)
< 200 mV (0°C ~
70 °C)
< 500 mV (-25 °C
~ 70°C)
<120mV (0°C ~
70 °C)
<240mV(-25 °C ~
70°C)
≤ 100 mV(0°C ~
70°C)
≤ 200 mV( -20°C
~ 0°C)
Hold up time
115 VAC
230 VAC
> 10 mS
(120VAC)
> 20 mS
> 10 mS (120
VAC)
> 20 mS
-
> 50 mS
> 10 mS (120
VAC)
> 20 mS
> 10 mS (220
VAC)
-
-
> 10 mS
Set up time
115 VAC
230 VAC
< 2.0 S
< 1.0 S
-
< 1 S
< 2.0 S
< 1.5 S
< 2.0 S
< 1.5 S
2.0 S
1.0 S
≤ 3 S
≤ 2 S
Turn-on overshoot
<+5%
Overshoot and
undershoot
<5%
Series operation
Support
Parallel operation
No
Power boost
No
(All specifications are at nominal values, full load, 25°C unless otherwise stated)
*NOTE: Measured at 20MHz of bandwidth by using a 12" twisted pair-wire terminated with a 0.1uF and 10uF parallel capacitor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com