Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3019 Datasheet(PDF) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # LM3019
Description  N-Channel Enhancement Mode Power MOSFET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

LM3019 Datasheet(HTML) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  LM3019 Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd LM3019 Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd LM3019 Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MOSFET ELECTRICAL CHARACTERISTICS
Ta=25
℃ unless otherwise specified
Parameter
Symbol
Test
conditions
Min
Typ
Max
Unit
Drain-Source Breakdown Voltage
V(BR)DSS
VGS=0 V, ID=250 µA
V
Gate-Threshold Voltage
Vth(GS)
VDS=VGS, ID=250 µA
Gate-body Leakage
lGSS
VDS=0 V, VGS=±20 V
Zero Gate Voltage Drain Current
IDSS
VDS=60 V, VGS=0 V
On-state Drain Current
ID(ON)
VGS=10 V, VDS=7 V
mA
Drain-Source On-Resistance
RDS(on)
VGS=10 V, ID=500mA
3
Ω
VGS=5 V, ID=50mA
4
Forward Trans conductance
gfs
VDS=10 V, ID=200mA
80
ms
Drain-source on-voltage
VDS(on)
VGS=10V, ID=500mA
3.75
V
VGS=5V, ID=50mA
0.375
V
Diode Forward Voltage
VSD
IS=115mA, VGS=0 V
0.55
1.2
V
Input Capacitance
Ciss
VDS=25V, VGS=0V, f=1MHz
50
pF
Output Capacitance
Coss
25
Reverse Transfer Capacitance
Crss
5
SWITCHING TIME
Turn-on Time
td(on)
VDD=25 V, RL=50Ω
ID=500mA,VGEN=10 V
RG=25 Ω
20
ns
Turn-off Time
td(off)
40
3
50
200
±10
±30
µA
µA
1.5
1.0
0.7
2
Rev 2.0 :
www.leiditech.com
12.01.2019
2/3
LM3019



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com