Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3019 Datasheet(PDF) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # LM3019
Description  N-Channel Enhancement Mode Power MOSFET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

LM3019 Datasheet(HTML) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  LM3019 Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd LM3019 Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd LM3019 Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
V(BR)DSS
RDS(on)MAX
ID
SOT-523
1. GATE
2. SOURCE
3. DRAIN
FEATURE
High density cell design for low RDS(ON)
Voltage controlled small signal switch
Rugged and reliable
High saturation current capability
APPLICATION
Load Switch for Portable Devices
DC/DC Converter
Equivalent Circuit
MARKING
Gate
Source
(Top View)
MAXIMUM RATINGS (Ta=25
℃ unless otherwise noted)
Symbol
Parameter
Value
Unit
VDS
Drain-Source voltage
V
VGS
Gate-Source voltage
20
V
ID
Drain Current
mA
PD
Power Dissipation
150
mW
RθJA
Thermal Resistance from Junction to Ambient 833
℃/W
TJ
Junction Temperature
150
℃
Tstg
Storage Temperature
-55~+150
℃
2
3
1
200mA
3Ω@10V
4
Ω@5V
50 V
TD
200
50
N-Channel Enhancement Mode Power MOSFET
LM3019
Rev 2.0 :
www.leiditech.com
12.01.2019
1/3


Similar Part No. - LM3019

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM301 NSC-LM301 Datasheet
509Kb / 17P
Operational Amplifiers
logo
STMicroelectronics
LM301 STMICROELECTRONICS-LM301 Datasheet
165Kb / 11P
SINGLE OPERATIONAL AMPLIFIER
Oct-1995
logo
Linear Technology
LM301 LINER-LM301 Datasheet
388Kb / 6P
Operational Amplifiers
logo
Seoul Semiconductor
LM301 SEOUL-LM301 Datasheet
376Kb / 14P
INFRARED LAMP LED
LM301 SEOUL-LM301 Datasheet
360Kb / 13P
CYAN LAMP LED
More results

Similar Description - LM3019

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
G2N7002K GTM-G2N7002K Datasheet
368Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G111K GTM-G111K Datasheet
366Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G138 GTM-G138 Datasheet
324Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G301K GTM-G301K Datasheet
296Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2304A GTM-G2304A Datasheet
371Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2308E GTM-G2308E Datasheet
330Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE20N03 GTM-GE20N03 Datasheet
296Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE40N03 GTM-GE40N03 Datasheet
251Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE50L02 GTM-GE50L02 Datasheet
258Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE70N03 GTM-GE70N03 Datasheet
299Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com