Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SS52B Datasheet(PDF) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # SS52B
Description  Schottky rectifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

SS52B Datasheet(HTML) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  SS52B Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd SS52B Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd SS52B Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Characteristic Curves (TA=25 ℃ unless otherwise noted)
90
120
150
0
30
60
1
10
100
Number of Cycles at 60 Hz
100
1
10
100
0.01
0.1
0
0.4
0.8
1.2
1.6
2
Instantaneous Forward Voltage(V)
0.1
1
10
TJ=125℃
TJ=75℃
0.001
0.01
0
20
406080
100
TJ=25℃
Percent of Rated Peak Reverse Voltage(%)
..
SS515 ~ 520
SS55 ~ 56
SS58 ~ 510
SS52
SS53 ~ 54
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
0
15
30
45
60
75
90
105 120 135
150
SK52
SK53-54
SK55-56
SK58-510
SK515-520
Fig. 1 Forward Current Derating Curve
LeadTemperature(℃)
Fig. 2 Maximum Non-Repetitive Paek
Forward Surge Current
Fig.3 Typical Instantaneous Forward Characteristics
Fig.4 Typical Reverse Leakage Characteristics
SS52B-SS520B
Rev :
www.leiditech.com
01.06.2017
2/3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com