Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SS52B Datasheet(PDF) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # SS52B
Description  Schottky rectifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

SS52B Datasheet(HTML) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  SS52B Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd SS52B Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd SS52B Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Features
●
Low profile package
●
Ideal for automated placement
●
Ultrafast reverse recovery time
●
Low power losses, high efficiency
●
Low forward voltage drop
●
High surge capability
●
High temperature soldering:
260℃/10 seconds at terminals
Mechanical Date
Major Ratings and Characteristics
●
Case:
JEDEC DO-214AA molded plastic
●
Terminals:
Solder plated, solderable per
J-STD-002B and JESD22-B102D
●
Polarity:
Laser band denotes cathode end
IF(AV)
5.0A
VRRM
20 V to 200 V
IFSM
150A
VF
0.50V, 0.55V, 0.70V, 0.85V,0.95V
Tj max.
150 °C
Maximum Ratings & Thermal Characteristics
(TA = 25 °C unless otherwise noted)
Note 1: Mounted on P.C.B. with 0.28 x 0.28” (7.0 x 7.0mm) copper pad areas.
Electrical Characteristics
(TA = 25 °C unless otherwise noted)
Symbol
Note 2: Pulse test:300μs pulse width,1% duty cycle.
j
60
80
100
150
200
V
Maximum repetitive peak
reverse voltage
VRRM
20
30
40
50
42
56
70
105
140
V
Maximum RMS voltage
VRMS
14
21
28
35
60
80
100
150
200
V
Maximum DC blocking voltage
VDC
20
30
40
50
Voltage rate of change
(rated VR)
dv/dt
10000
V/µs
Thermal resistance from
junction to lead
(1)
RθJL
25
℃
/W
Maximum average forward
rectified current
IF(AV)
5A
Peak forward surge current 8.3
ms single half sine-wave
superimposed on rated load
IFSM
150
A
Operating junction and storage
temperature range
TJ,TSTG
–65 to +150
℃
Reverse current
VR=VDC
Tj=25℃
IR
0.5
mA
Tj=100℃
10.0
Instantaneous forward
voltage
IF=5.0A
(2)
VF
0.50
0.55
0.70
0.85
0.95
V
Pb
125 °C
-65 to +125
Schottky rectifier
SS52B-SS520B
Items
Symbol SS52B
SS53B
SS54B SS55B SS56B
SS58B
SS510B SS515B SS520B
UNIT
Items
Test conditions
SS52
SS53~54
SS55 ~56
SS58~510
SS515~520
UNIT
Rev :
www.leiditech.com
01.06.2017
1/3


Similar Part No. - SS52B

ManufacturerPart #DatasheetDescription
logo
Yangzhou yangjie electr...
SS52B YANGJIE-SS52B Datasheet
148Kb / 2P
Schottky Rectifier
logo
Frontier Electronics.
SS52B FRONTIER-SS52B Datasheet
124Kb / 2P
5A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Shenzhen Luguang Electr...
SS52B LUGUANG-SS52B Datasheet
597Kb / 2P
Surface Mount Schottky Barrier Rectifiers
logo
Bruckewell Technology L...
SS52B BWTECH-SS52B Datasheet
434Kb / 4P
SCHOTTKY RECTIFIER
logo
Jiangsu High diode Semi...
SS52B HDSEMI-SS52B Datasheet
1Mb / 4P
SMB Plastic-Encapsulate Diodes
More results

Similar Description - SS52B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS130A STMICROELECTRONICS-STPS130A Datasheet
72Kb / 6P
SCHOTTKY RECTIFIER
Jul-1998
logo
International Rectifier
30CTQ80G IRF-30CTQ80G Datasheet
163Kb / 6P
SCHOTTKY RECTIFIER
MBR40L15CW IRF-MBR40L15CW_06 Datasheet
199Kb / 6P
SCHOTTKY RECTIFIER
MBRS140TRPBF IRF-MBRS140TRPBF Datasheet
131Kb / 7P
SCHOTTKY RECTIFIER
MBRS190TRPBF IRF-MBRS190TRPBF Datasheet
115Kb / 6P
SCHOTTKY RECTIFIER
30WQ10FNPBF IRF-30WQ10FNPBF Datasheet
174Kb / 7P
SCHOTTKY RECTIFIER
322CNQ030 IRF-322CNQ030_03 Datasheet
114Kb / 5P
SCHOTTKY RECTIFIER
logo
AUK corp
SDB2040PI AUK-SDB2040PI Datasheet
303Kb / 4P
Schottky Rectifier
logo
International Rectifier
10BQ060PBF IRF-10BQ060PBF Datasheet
115Kb / 6P
SCHOTTKY RECTIFIER
MBRB1035PBF IRF-MBRB1035PBF Datasheet
201Kb / 7P
SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com