Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ESDA0504CW Datasheet(PDF) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # ESDA0504CW
Description  Quad TVS Diode Array
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

ESDA0504CW Datasheet(HTML) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  ESDA0504CW Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd ESDA0504CW Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd ESDA0504CW Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Quad TVS Diode Array
Features
●
Ultra low leakage: nA level
●
Operating voltage: 5V
●
Low clamping voltage
●
Complies with following standards:
– IEC 61000-4-2 (ESD) immunity test
Air discharge: ±15kV
Contact discharge: ±8kV
– IEC61000-4-4 (EFT) 40A (5/50ns)
– IEC61000-4-5 (Lightning) 5A (8/20μs)
●
RoHS Compliant
Applications
●
USB 2.0 power and data line
●
Set-top box and digital TV
●
Digital video interface (DVI)
●
Notebook Computers
●
SIM Ports
●
10/100 Ethernet
Dimensions SOT-363
Pin Configuration
Mechanical Characteristics
●
Package: SOT-363
●
Lead Finish: Lead Free
●
UL Flammability Classification Rating 94V-0
●
Quantity Per Reel:3,000pcs
●
Reel Size:7inch
Rev : 01.06.2014
1/3
www.leiditech.com
Absolute Maximum Ratings(Tamb=25°C unless otherwise specified)
Parameter
Symbol
Value
Unit
Peak Pulse Power (8/20µs)
Ppp
75
W
ESD per IEC 61000−4−2 (Air)
VESD
±15
Kv
ESD per IEC 61000−4−2 (Contact)
±8
Operating Temperature Range
TJ
-55 to +125
℃
Storage Temperature Range
TSTJ
-55 to +150
℃
ESDA0504CW


Similar Part No. - ESDA0504CW

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
ESDA0504T5 LEIDITECH-ESDA0504T5 Datasheet
127Kb / 3P
USB 2.0 power and data line
More results

Similar Description - ESDA0504CW

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
SMF12C LEIDITECH-SMF12C Datasheet
361Kb / 3P
Quad TVS Diode Array
PESD5V0L5UY LEIDITECH-PESD5V0L5UY Datasheet
334Kb / 3P
Quad TVS Diode Array
Rev : 01.06.2018
SMF05CT1G LEIDITECH-SMF05CT1G Datasheet
334Kb / 3P
Quad TVS Diode Array
Rev : 01.06.2018
CESD5V0K5 LEIDITECH-CESD5V0K5 Datasheet
334Kb / 3P
Quad TVS Diode Array
Rev : 01.06.2018
CPDV6-5V0U-HF LEIDITECH-CPDV6-5V0U-HF Datasheet
334Kb / 3P
Quad TVS Diode Array
Rev : 01.06.2018
ESDA6V1-5W6 LEIDITECH-ESDA6V1-5W6 Datasheet
334Kb / 3P
Quad TVS Diode Array
Rev : 01.06.2018
PESDLC363T5VU LEIDITECH-PESDLC363T5VU Datasheet
334Kb / 3P
Quad TVS Diode Array
Rev : 01.06.2018
SAT36A05L05 LEIDITECH-SAT36A05L05 Datasheet
334Kb / 3P
Quad TVS Diode Array
Rev : 01.06.2018
SP1001-05JTG LEIDITECH-SP1001-05JTG Datasheet
343Kb / 3P
Quad TVS Diode Array
Rev : 01.06.2018
TPD5E003DPFR LEIDITECH-TPD5E003DPFR Datasheet
342Kb / 3P
Quad TVS Diode Array
Rev : 01.06.2018
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com