Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBR30150CT Datasheet(PDF) 3 Page - First Silicon Co., Ltd

Part # MBR30150CT
Description  Dual Schottky Barrier Rectifiers Reverse Voltage 150 Volts Forward Current 30.0 Amperes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

MBR30150CT Datasheet(HTML) 3 Page - First Silicon Co., Ltd

  MBR30150CT Datasheet HTML 1Page - First Silicon Co., Ltd MBR30150CT Datasheet HTML 2Page - First Silicon Co., Ltd MBR30150CT Datasheet HTML 3Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
2015. 03. 05
3/3
Revision No : 0
MBR30150CT, MBRF30150CT, MBRB30150CT
Rating and Characteristic Curves
0
100
200
300
400
500
600
700
800
900
1000 1100
1
10
100
1000
10000
25
50
75
100
125
150
175
200
0.01
0.1
1
10
100
1000
0
25
50
75
100
125
0.0
0.5
1.0
1.5
2.0
2.5
0
5
10
15
20
25
30
35
0
100
200
300
400
30000
1
Forward Characteristics
FORWARD VOLTAGE
V
F
(mV)
Reverse Characteristics
T
a=25
℃
T
a=100
℃
REVERSE VOLTAGE V
R
(V)
Power Derating Curve
AMBIENT TEMPERATURE T
a
( )
℃
T
a=25
℃
f=1MHz
Capacitance Characteristics
REVERSE VOLTAGE V
R
(V)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com