Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBR30150CT Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # MBR30150CT
Description  Dual Schottky Barrier Rectifiers Reverse Voltage 150 Volts Forward Current 30.0 Amperes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

MBR30150CT Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  MBR30150CT Datasheet HTML 1Page - First Silicon Co., Ltd MBR30150CT Datasheet HTML 2Page - First Silicon Co., Ltd MBR30150CT Datasheet HTML 3Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SEMICONDUCTOR
TECHNICAL DATA
2015. 03. 05
1/3
Revision No : 0
Dual Schottky Barrier Rectifiers
Reverse Voltage 150 Volts Forward Current 30.0 Amperes
Plastic package has Underwriters Laboratory Flammability
Classification 94V-0
Dual rectifier construction, positive center tap
Metal silicon junction, majority carrier conduction
Low power loss, high efficiency
Guardring for overvoltage protection
For use in low voltage, high frequency inverters, free wheeling,
and polarity protection applications
High temperature soldering guaranteed:
250°C/10 seconds, 0.25" (6.35mm) from case
Case: JEDEC TO-22B, TO-220F , TO-263 molded
plastic body
Terminals: Plated leads, solderable per MIL-STD-750,
Method 2026
Polarity: As marked
Mounting Position: Any
Mounting Torque: 10 in-lbs maximum
Weight: 0.08 ounce, 2.24 grams
a
t
a
D
l
a
c
i
n
a
h
c
e
M
s
e
r
u
t
a
e
F
TO-220
TO-220F
TO-263(D2PAK)
Mounting Pad Layout TO-263
Dimensions in inches and (millimeters)
MBR30150CT, MBRF30150CT, MBRB30150CT


Similar Part No. - MBR30150CT

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
MBR30150CT GOOD-ARK-MBR30150CT Datasheet
200Kb / 3P
Dual Common-Cathode High-Voltage Schottky Barrier Rectifiers
logo
List of Unclassifed Man...
MBR30150CT ETC2-MBR30150CT Datasheet
104Kb / 1P
30 Amp HT Power Schottky Barrier Rectifier 100 Volts to 200 Volts
logo
Taiwan Semiconductor Co...
MBR30150CT TSC-MBR30150CT Datasheet
357Kb / 2P
30.0 AMPS. Schottky Barrier Rectifiers
logo
Compact Technology Corp...
MBR30150CT CTC-MBR30150CT Datasheet
72Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
logo
Sirectifier Global Corp...
MBR30150CT SIRECT-MBR30150CT Datasheet
146Kb / 3P
Power Schottky Rectifier - 30Amp 150Volt
More results

Similar Description - MBR30150CT

ManufacturerPart #DatasheetDescription
logo
Microdiode Semiconducto...
MBR30150CT CHENDA-MBR30150CT Datasheet
695Kb / 2P
150 to 200 Volts Forward Current - 30.0 Amperes
MBRF30150CT CHENDA-MBRF30150CT Datasheet
697Kb / 2P
150 to 200 Volts Forward Current - 30.0 Amperes
logo
First Silicon Co., Ltd
TMBRF20100CT FS-TMBRF20100CT Datasheet
402Kb / 2P
Dual Schottky Barrier Rectifiers Reverse Voltage 100 Volts , Forward Current 20A
TMBRF30100CT FS-TMBRF30100CT Datasheet
337Kb / 2P
Dual Schottky Barrier Rectifiers Reverse Voltage 100 Volts , Forward Current 30A
MBR3060CT FS-MBR3060CT Datasheet
222Kb / 3P
Dual Schottky Barrier Rectifiers Reverse Voltage 60 Volts Forward Current 30.0 Amperes
MBR30100CT FS-MBR30100CT Datasheet
246Kb / 3P
Dual Schottky Barrier Rectifiers Reverse Voltage 100 Volts Forward Current 30.0 Amperes
MBR30200CT FS-MBR30200CT Datasheet
292Kb / 3P
Dual Schottky Barrier Rectifiers Reverse Voltage 200 Volts Forward Current 30.0 Amperes
MBR40100CT FS-MBR40100CT Datasheet
245Kb / 3P
Dual Schottky Barrier Rectifiers Reverse Voltage 100 Volts Forward Current 40.0 Amperes
MBR4045CT FS-MBR4045CT Datasheet
406Kb / 6P
Dual Schottky Barrier Rectifiers Reverse Voltage 45 Volts , Forward Current 40A
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com