Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GC5316 Datasheet(PDF) 4 Page - Texas Instruments

Part # GC5316
Description  HIGH-DENSITY DIGITAL DOWNCONVERTER AND UPCONVERTER
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

GC5316 Datasheet(HTML) 4 Page - Texas Instruments

  GC5316 Datasheet HTML 1Page - Texas Instruments GC5316 Datasheet HTML 2Page - Texas Instruments GC5316 Datasheet HTML 3Page - Texas Instruments GC5316 Datasheet HTML 4Page - Texas Instruments GC5316 Datasheet HTML 5Page - Texas Instruments GC5316 Datasheet HTML 6Page - Texas Instruments GC5316 Datasheet HTML 7Page - Texas Instruments GC5316 Datasheet HTML 8Page - Texas Instruments GC5316 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 75 page
background image
GC5316
SLWS154A − JANUARY 2004 − REVISED MARCH 2004
www.ti.com
4
2.1
Receive Input Interface
FIFO
Resam pler
Block
Select
Select
FIFO
Bypass
Bypass
18
18
18
18
Upper 16 of 18
Upper 16 of 18
16
Test & Noise
Generator
Test & Noise
Generator
16
16
Resam pler
Block
Select
Select
FIFO
FIFO
Bypass
Bypass
18
18
18
18
Upper 16 of 18
Upper 16 of 18
16
16
16
Test & Noise
Generator
Test & N oise
Generator
16
I
Q
I
Q
bus 0
bus 1
bus 2
bus 3
rxin_a
rxin_b
rxin_c
rxin_d
Select
resampler_ena
Special 92.16 MSPS input rate
mode
Figure 2. Receive Input Interface
The four ports support four independent real input signals or two complex. Complex signal data is input with I data
driving one input port and Q data driving another. This means that there are only two signal data ports available when
in complex input mode. The mapping of I and Q data onto the four input ports is programmable.
2.1.1 Test and Noise Generator and FIFO
Incoming data first enters the test and noise generator block. This block can either pass the data through, replace
the input data with a pattern generated internally (useful in test), or can add noise to the input at a user programmable
level.
Most applications pass data through this block unchanged by clearing slf_tst_ena, rduz_sens_ena, and tst_on.
Test sequences are useful for board bring-up or for power-on self-test. Board bring-up and self-test procedures and
configuration files are available on the web. Self-test will be described in greater detail in a later section. Suffice to
say here that the receive data input is replaced by pseudo-random patterns at this point in the processing chain.
A few applications that require receiver desensitization which is done by adding digital noise to the input. The same
pseudo-random sequence generator is used as a noise source. Nz_pwr_mask is used to select which input data bits
get noise added to them. In this way the user has control over the noise power introduced in receiver desensitization.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com