Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GC5316 Datasheet(PDF) 7 Page - Texas Instruments

Part # GC5316
Description  HIGH-DENSITY DIGITAL DOWNCONVERTER AND UPCONVERTER
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

GC5316 Datasheet(HTML) 7 Page - Texas Instruments

Back Button GC5316 Datasheet HTML 3Page - Texas Instruments GC5316 Datasheet HTML 4Page - Texas Instruments GC5316 Datasheet HTML 5Page - Texas Instruments GC5316 Datasheet HTML 6Page - Texas Instruments GC5316 Datasheet HTML 7Page - Texas Instruments GC5316 Datasheet HTML 8Page - Texas Instruments GC5316 Datasheet HTML 9Page - Texas Instruments GC5316 Datasheet HTML 10Page - Texas Instruments GC5316 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 75 page
background image
GC5316
SLWS154A − JANUARY 2004 − REVISED MARCH 2004
www.ti.com
7
2.2
DDC Organization
CD M A D D C A
DD C 0
CD M A D D C B
18
18
18
18
4to 1
Sw itch
4to 1
Swi tch
From Input
I nte rface
DD C 1
DD C 2
DD C 3
DD C 4
DD C 5
DD C 6
DD C 7
DD C 8
DD C 9
DD C 10
DD C 11
Figure 5. Receive DDC Blocks
The GC5316 provides downconversion for up to 24 CDMA2000 receive channels or 12 UMTS receive channels.
Downconversion channels are organized into 12 DDC blocks. Each DDC block provides two CDMA2000 DDC
channels, A and B, or one UMTS channel. Each DDC block has its own register set and may be programmed
independently (except for parameters specifying the configuration of the rx_distribution bus).
Two DDC blocks (for example, DDC 0 and DDC 1) can be strapped together to form a single UMTS DDC channel
with double-length filtering. The GC5316 can therefore provide six UMTS DDC channels with double-length FIR
filtering.
Configuration parameters ending in _a apply to the A CDMA channel or to the UMTS channel. Parameters ending
in _b apply the B CDMA channel and are unused in UMTS mode. Many parameters are shared between the A and
B channels in CDMA mode (such as filter coefficients), while key parameters are independent for the two channels
(such as frequency, phase, and gain).
Both CDMA DDC channels in a block can be independently tuned, though they would likely be used as diversity pairs
and tuned to the same frequency. Filter coefficients are shared between the two CDMA DDC channels within a block.
Table 5. Programming
VARIABLE
DESCRIPTION
ddc_duc_ena
When set turns on the DDC. When cleared the clock to the DDC is
stopped reducing its power consumption to essentially zero.
cdma_mode
When set, puts the DDC block in dual CDMA2000 mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com