Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1828362 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # 1828362
Description  EMCV 1,5/ 4-GF-3,81
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1828362 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  1828362 Datasheet HTML 1Page - PHOENIX CONTACT 1828362 Datasheet HTML 2Page - PHOENIX CONTACT 1828362 Datasheet HTML 3Page - PHOENIX CONTACT 1828362 Datasheet HTML 4Page - PHOENIX CONTACT 1828362 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
EMCV 1,5/ 4-GF-3,81 Order No.: 1879308
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=1879308
PHOENIX CONTACT Deutschland GmbH
Page 3 / 5
http://www.phoenixcontact.de
Feb 2, 2011
Marking
0804109
SK 3,81/2,8:FORTL.ZAHLEN
Marker card, printed horizontally, self-adhesive, 10-section marker
strip, 14 identical decades marked 1-10, 11-20 etc. up to 91-
(99)100, sufficient for 140 terminal blocks
Plug/Adapter
1734634
CP-MSTB
Keying profile, is inserted into the slot on the plug or inverted
header, red insulating material
Additional products
Item
Designation
Description
General
1851258
FK-MCP 1,5/ 4-STF-3,81
Plug component, Nominal current: 8 A, Rated voltage (III/2): 160
V, Number of positions: 4, Pitch: 3.81 mm, Color: green, Metal
surface: Sn
1850877
FRONT-MC 1,5/ 4-STF-3,81
Plug component, Nominal current: 8 A, Rated voltage (III/2): 160
V, Number of positions: 4, Pitch: 3.81 mm, Color: green, Metal
surface: Sn
1827729
MC 1,5/ 4-STF-3,81
Plug component, Nominal current: 8 A, Rated voltage (III/2): 160
V, Number of positions: 4, Pitch: 3.81 mm, Color: green, Metal
surface: Sn
1852383
MCC 1/ 4-STZF-3,81
Plug component, Nominal current: 8 A, Rated voltage (III/2): 160
V, Number of positions: 4, Pitch: 3.81 mm, Color: green, Metal
surface: Sn, Corresponding female crimp contacts with current
[A] and conductor cross section range [mm²] data: 5A/MCC-MT
0,2-0,35 (1859988); 8A/MCC-MT 0,5-1,0 (1859991)
1828362
MCVR 1,5/ 4-STF-3,81
Plug component, Nominal current: 8 A, Rated voltage (III/2): 160
V, Number of positions: 4, Pitch: 3.81 mm, Color: green, Metal
surface: Sn
1828511
MCVW 1,5/ 4-STF-3,81
Plug component, Nominal current: 8 A, Rated voltage (III/2): 160
V, Number of positions: 4, Pitch: 3.81 mm, Color: green, Metal
surface: Sn
1897568
QC 0,5/ 4-STF-3,81
Plug component, Nominal current: 6 A, Rated voltage (III/2): 200
V, Number of positions: 4, Pitch: 3.81 mm, Color: green, Metal
surface: Sn



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com