Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1828362 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 1828362
Description  EMCV 1,5/ 4-GF-3,81
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1828362 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  1828362 Datasheet HTML 1Page - PHOENIX CONTACT 1828362 Datasheet HTML 2Page - PHOENIX CONTACT 1828362 Datasheet HTML 3Page - PHOENIX CONTACT 1828362 Datasheet HTML 4Page - PHOENIX CONTACT 1828362 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
EMCV 1,5/ 4-GF-3,81 Order No.: 1879308
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=1879308
PHOENIX CONTACT Deutschland GmbH
Page 2 / 5
http://www.phoenixcontact.de
Feb 2, 2011
Pin dimensions
0,8 x 0,8 mm
Hole diameter
1.45 mm
Technical data
Range of articles
EMCV 1,5/..-GF
Insulating material group
IIIa
Rated surge voltage (III/3)
2.5 kV
Rated surge voltage (III/2)
2.5 kV
Rated surge voltage (II/2)
2.5 kV
Rated voltage (III/2)
160 V
Rated voltage (II/2)
250 V
Connection in acc. with standard
EN-VDE
Nominal current IN
8 A
Nominal voltage UN
160 V
Maximum load current
8 A
Insulating material
PBT
Inflammability class acc. to UL 94
V0
Nominal voltage, UL/CUL Use Group B
300 V
Nominal current, UL/CUL Use Group B
8 A
Nominal voltage, UL/CUL Use Group D
300 V
Nominal current, UL/CUL Use Group D
8 A
Certificates / Approvals
Certification
CUL, GOST, UL
Accessories
Item
Designation
Description
Assembly
1877258
EMC 1,5-SH
Stamp holder, for upper and lower stamp
1877274
EMCV 1,5-SS 1
Stamp set, consisting of upper and lower stamp for 3.81 mm pitch,
2 to 16-pos.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com