Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N7002K Datasheet(PDF) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # 2N7002K
Description  N-Channel Enhancement Mode Power MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

2N7002K Datasheet(HTML) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  2N7002K Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd 2N7002K Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd 2N7002K Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd 2N7002K Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MOSFET ELECTRICAL CHARACTERISTICS
T =25
℃ unless otherwise specified
a
Parameter
Symbol
Test Condition
Min
Typ
Max
Units
Static Characteristics
Drain-Source Breakdown Voltage
VDS
VGS = 0V, ID =250µA
60
V
Gate Threshold Voltage*
VGS(th)
VDS =VGS, ID =1mA
1
2.5
1.3
V
Zero Gate Voltage Drain Current
IDSS
VDS =48V,VGS = 0V
1
µA
IGSS1
VGS =±20V, VDS = 0V
±10
µA
IGSS2
VGS =±10V, VDS = 0V
±200
nA
Gate –Source leakage current
IGSS3
VGS =±5V, VDS = 0V
±100
nA
VGS = 4.5V, ID =200mA
3
4
Ω
Drain-Source On-Resistance*
RDS(on)
VGS =10V,ID =500mA
2
3
Ω
Diode Forward Voltage
VSD
VGS=0V, IS=100mA
1.2
V
Recovered charge
Qr
VGS=0V,IS=300mA,VR=25V,
dls/dt=-100A/µS
30
nC
Dynamic Characteristics**
Input Capacitance
Ciss
40
pF
Output Capacitance
Coss
30
pF
Reverse Transfer Capacitance
Crss
VDS =10V,VGS =0V,f =1MHz
10
pF
Switching Characteristics**
Turn-On Delay Time
td(on)
10
ns
Turn-Off Delay Time
td(off)
VGS=10V,VDD=50V,RG=50Ω,
RGS=50Ω, RL=250Ω
15
ns
Reverse recovery Time
trr
VGS=0V,IS=300mA,VR=25V,
dls/dt=-100A/µS
30
ns
GATE-SOURCE ZENER DIODE
Gate-Source Breakdown Voltage
BVGSO
Igs=±1mA (Open Drain)
±21.5
±30
V
Notes :
*Pulse Test : Pulse Width ≤300µs, Duty Cycle ≤2%.
**These parameters have no way to verify.
2N7002K
Rev :
www.leiditech.com
01.06.2018
2/4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com