Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APL1086 Datasheet(PDF) 4 Page - Anpec Electronics Coropration

Part # APL1086
Description  1.5A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V, 2.85V and 3.3V
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL1086 Datasheet(HTML) 4 Page - Anpec Electronics Coropration

  APL1086 Datasheet HTML 1Page - Anpec Electronics Coropration APL1086 Datasheet HTML 2Page - Anpec Electronics Coropration APL1086 Datasheet HTML 3Page - Anpec Electronics Coropration APL1086 Datasheet HTML 4Page - Anpec Electronics Coropration APL1086 Datasheet HTML 5Page - Anpec Electronics Coropration APL1086 Datasheet HTML 6Page - Anpec Electronics Coropration APL1086 Datasheet HTML 7Page - Anpec Electronics Coropration APL1086 Datasheet HTML 8Page - Anpec Electronics Coropration APL1086 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Copyright
 ANPEC Electronics Corp.
Rev. A.4 - Jun., 2003
APL1086
www.anpec.com.tw
4
APL1086
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
V
N
RMS Output
Noise
T
J=25
°C,10Hz≤F≤10kHz, (% of V
OUT)
0.003
%
θ
th
Thermal
Resistance
Junction to Case, at Tab
Junction to ambient
15
50
°C/ W
OT
Over Temperature
Point
150
°C
Quiescent Current
APL1086-18
T
J=0~125°C,
V
IN≤9V
5.5
10
APL1086-25 V
IN≤9V
5.5
10
APL1086-28 V
IN≤9V
5.5
10
APL1086-33 V
IN≤9V
5.5
10
mA
Application Circuits
* C1 improves ripple rejection.
X
C should be approximately
equal to R1 at ripple frequency
* Needed if device is far from filter capacitors
1.25V to 10.7V Adjustable Regulator
Improving Ripple Rejection
R1
R2
R1
1.250V
VOUT
+
×
=
V
IN
10µ F
APL1086
OUT
IN
ADJ
TTL
121
Ω
365
Ω
1%
1%
+
1k
1k
100µ F
5V
+
5V Regulator with Shutdown
V
IN
10µ F
APL1086
OUT
IN
ADJ
121
Ω
365
Ω
1%
1%
V
OUT
150
µ F
10µ F
C1
R1
R2
+
+
V
IN
10µ F
C
1*
V
OUT 1
+
R1
R2
1k
APL1086
OU T
IN
ADJ
+
100µ F
C
2
121
Ω
Note 1: See thermal regulation specifications for changes in output voltage due to heating effects. Load line regulations are mea-
sured at a constant junction temperature by low duty cycle pulse testing.
Note 2: Dropout voltage is specified over the full output current range of the device. Dropout voltage is defined as the minimum input/
output differential measured at the specified output current. Test points and limits are also shown on the Dropout Voltage curve.
Note 3: Minimum load current is defined as the minimum output current required to maintain regulation.
Electrical Characteristics (Cont.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com