Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APL1086 Datasheet(PDF) 6 Page - Anpec Electronics Coropration

Part # APL1086
Description  1.5A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V, 2.85V and 3.3V
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL1086 Datasheet(HTML) 6 Page - Anpec Electronics Coropration

Back Button APL1086 Datasheet HTML 2Page - Anpec Electronics Coropration APL1086 Datasheet HTML 3Page - Anpec Electronics Coropration APL1086 Datasheet HTML 4Page - Anpec Electronics Coropration APL1086 Datasheet HTML 5Page - Anpec Electronics Coropration APL1086 Datasheet HTML 6Page - Anpec Electronics Coropration APL1086 Datasheet HTML 7Page - Anpec Electronics Coropration APL1086 Datasheet HTML 8Page - Anpec Electronics Coropration APL1086 Datasheet HTML 9Page - Anpec Electronics Coropration APL1086 Datasheet HTML 10Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Copyright
 ANPEC Electronics Corp.
Rev. A.4 - Jun., 2003
APL1086
www.anpec.com.tw
6
0.9
1.4
1.9
2.4
2.9
3.4
03
69
12
Typical Characteristics Cont.
0
1
2
3
4
5
6
02
4
6
8
1 0
Current Limit vs. Input Voltage
2.7
2.8
3.1
3.2
3.3
3.4
3.0
2.9
-5 0
-25
0
2 5
5 0
7 5
100
125
Output Voltage vs. Temperature
Temperature (°C)
Input Voltage (V)
Input Current vs. Input Voltage
Input Voltage (V)
Vout=1.25V
Output Voltage vs. Temperature
Temperature (°C)
1.6
1.7
1.8
1.9
2
2.1
2.2
2.3
2.4
2.5
2.6
-50
-25
0
25
50
75
100
125



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com