Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCF216 Datasheet(PDF) 4 Page - TE Connectivity Ltd

Part # HCF216
Description  Aluminium Housed Braking Resistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

HCF216 Datasheet(HTML) 4 Page - TE Connectivity Ltd

  HCF216 Datasheet HTML 1Page - TE Connectivity Ltd HCF216 Datasheet HTML 2Page - TE Connectivity Ltd HCF216 Datasheet HTML 3Page - TE Connectivity Ltd HCF216 Datasheet HTML 4Page - TE Connectivity Ltd HCF216 Datasheet HTML 5Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Aluminium Housed Braking Resistor
1773309-3 Rev. B 06/2020
Dimensions in
millimetres unless
otherwise specified
Dimensions Shown for
reference purposes only.
Specifications subject to
change
For Email, phone or live chat,
go to: www.te.com/help
Dimensions
Type
L (mm)
L1 (mm)
HCF80
80
56
HCF110
110
98
HCF166
166
154
HCF216
216
204
Environmental Characteristics
Characteristic
Requirement
Test Method
Load Life
ΔR ±10%
Resistors mounted in vertical
orientation, leads downwards.
RCWV 1000Hrs
– 90 minutes on, 30
minutes off
Damp Heat
Steady State
ΔR ±1%
Humidity chamber 40°C/95% humidity
for 56 days
Insulation
Resistance
>2000M
Ω
Tested for insulation resistance with a
calibrated meter at 1000V
Dielectric
Strength
Leakage Current
<500µA
3500VAC for 1m Terminal
– Aluminium
Body
Pulse Overload
No Physical
Damage
ΔR ±5%
Specified overload power applied for
1.2, 7.2 and 48 seconds within a 120
seconds cycle comprising of both on
and off periods.
Test cycle repeated 10,000 times
Ingress Protection
IP54
IP Testing carried out at a NABL
accredited test lab.
The resistors were tested for dust and
moisture ingress resistance under
clauses 13.5.1, 13.5.2 and 14.2.4 and
14.3. Resistors passed the test without
any issues.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com