Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCF216 Datasheet(PDF) 5 Page - TE Connectivity Ltd

Part # HCF216
Description  Aluminium Housed Braking Resistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

HCF216 Datasheet(HTML) 5 Page - TE Connectivity Ltd

  HCF216 Datasheet HTML 1Page - TE Connectivity Ltd HCF216 Datasheet HTML 2Page - TE Connectivity Ltd HCF216 Datasheet HTML 3Page - TE Connectivity Ltd HCF216 Datasheet HTML 4Page - TE Connectivity Ltd HCF216 Datasheet HTML 5Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Aluminium Housed Braking Resistor
1773309-3 Rev. B 06/2020
Dimensions in
millimetres unless
otherwise specified
Dimensions Shown for
reference purposes only.
Specifications subject to
change
For Email, phone or live chat,
go to: www.te.com/help
Characteristic
Requirement
Test Method
Vibration
IEC 60068-2-6:
Test Fc
The samples were mounted on a
vibration table.
The frequency from 2-200-2 Hz was
traversed with one octave per minute.
In the frequency interval 2-9 Hz the
samples were vibrated with an amplitude
of 3.0 mm, above 9 Hz frequency with an
acceleration of 1 g. The duration was 10
sweeps in each of the three mutually
perpendicular axes.
Passed with no issues.
Packaging
Resistors will be packaged individually in boxes.
Marking
Resistors will be marked with Type, Resistance value, Tolerance Code and
date / batch code.
HCF80J4R7J
How To Order
HCF
80
J
4R7
J
Series
Size
Tolerance
Value
Connection
HCF -
Aluminium
Housed
Breaking
Resistor
80
– 75W
110
– 100W
166
– 160W
216
– 200W
J
– 5%
K
– 10%
10R - 10
Ω
100R - 100
Ω
1K0
– 1KΩ
J
– Flying
leads



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com