Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMBZ5237B Datasheet(PDF) 3 Page - Continental Device India Limited

Part # CMBZ5237B
Description  SILICON PLANAR ZENER DIODES
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

CMBZ5237B Datasheet(HTML) 3 Page - Continental Device India Limited

  CMBZ5237B Datasheet HTML 1Page - Continental Device India Limited CMBZ5237B Datasheet HTML 2Page - Continental Device India Limited CMBZ5237B Datasheet HTML 3Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Continental Device India Limited
Data Sheet
Page 3 of 3
CMBZ52XX series
Device
Zener
Test
ZZK
ZZT
Max
@ VR
Voltage
Current
IZ=0.25mA
IZ = IZT
IR
(V)
VZ (± 5%)
IZT
ohm max
@10% Mod
uA
Nominal
m A
ohm max
max
CMBZ-5252B
2 4
5.2
600
33
0.1
18
CMBZ-5253B
2 5
5.0
600
35
0.1
19
CMBZ-5254B
2 7
4.6
600
41
0.1
21
CMBZ-5255B
2 8
4.5
600
44
0.1
21
CMBZ-5256B
3 0
4.2
600
49
0.1
23
CMBZ-5257B
3 3
3.8
700
5 8
0.1
25
Disclaimer
The product information and the selection guides facilitate selection of the CDIL's Discrete Semiconductor Device(s) best suited
for application in your product(s) as per your requirement. It is recommended that you completely review our Data Sheet(s) so as
to confirm that the Device(s) meet functionality parameters for your application. The information furnished on the CDIL Web Site/
CD is believed to be accurate and reliable. CDIL however, does not assume responsibility for inaccuracies or incomplete
information. Furthermore, CDIL does not assume liability whatsoever, arising out of the application or use of any CDIL product;
neither does it convey any license under its patent rights nor rights of others. These products are not designed for use in life
saving/support appliances or systems. CDIL customers selling these products (either as individual Discrete Semiconductor
Devices or incorporated in their end products), in any life saving/support appliances or systems or applications do so at their own
risk and CDIL will not be responsible for any damages resulting from such sale(s).
CDIL strives for continuous improvement and reserves the right to change the specifications of its products without prior notice.
CDIL is a registered Trademark of
Continental Device India Limited
C-120 Naraina Industrial Area, New Delhi 110 028, India.
Telephone + 91-11-579 6150
Fax + 91-11-579 9569, 579 5290
e-mail sales@cdil.com
www.cdil.com



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com