Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMBZ5237B Datasheet(PDF) 1 Page - Continental Device India Limited

Part # CMBZ5237B
Description  SILICON PLANAR ZENER DIODES
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

CMBZ5237B Datasheet(HTML) 1 Page - Continental Device India Limited

  CMBZ5237B Datasheet HTML 1Page - Continental Device India Limited CMBZ5237B Datasheet HTML 2Page - Continental Device India Limited CMBZ5237B Datasheet HTML 3Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Continental Device India Limited
Data Sheet
Page 1 of 3
SILICON PLANAR ZENER DIODES
General purpose zener diodes
Marking
CMBZ5230B = 8E
CMBZ5239B = 8P
CMBZ5248B = 8Y
CMBZ5257B= 81H
31B = 8F
40B = 8Q
49B = 8Z
32B = 8G
41B = 8R
50B = 81A
33B = 8H
42B = 8S
51B = 81B
34B = 8J
43B = 8T
52B = 81C
35B = 8K
44B = 8U
53B = 81D
36B = 8L
45B = 8V
54B = 81E
37B = 8M
46B = 8W
55B = 81F
38B = 8N
47B = 8X
56B = 81G
ABSOLUTE MAXIMUM RATINGS
Working voltage range
VZ
nom. 4.7 to 33 V
Working voltage tolerance
±5 %
Total power dissipation up to Tamb = 25 °C
Ptot
max.
300 mW
Junction temperature
Tj
max.
150 ° C
CMBZ52XX series
Pin configuration
1 = ANODE
2= NC
3 = CATHODE
PACKAGE OUTLINE DETAILS
ALL DIMENSIONS IN mm
1
2
3
IS / IECQC 700000
IS / IECQC 750100
IS/ISO 9002
Lic# QSC/L- 000019.2
Continental Device India Limited
An IS/ISO 9002 and IECQ Certified Manufacturer
SOT-23 Formed SMD Package


Similar Part No. - CMBZ5237B

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
CMBZ5237B RECTRON-CMBZ5237B Datasheet
21Kb / 2P
5% SOT-23 SURFACE MOUNT ZENER DIODE
logo
Continental Device Indi...
CMBZ5237B CDIL-CMBZ5237B Datasheet
108Kb / 4P
SILIICON PLANAR ZENER DIODES
More results

Similar Description - CMBZ5237B

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
1N5221 SEMTECH-1N5221 Datasheet
296Kb / 3P
SILICON PLANAR ZENER DIODES
logo
General Semiconductor
ZMM1 GE-ZMM1 Datasheet
351Kb / 8P
Silicon Planar Zener Diodes
logo
GOOD-ARK Electronics
1N746 GOOD-ARK-1N746 Datasheet
33Kb / 3P
SILICON PLANAR ZENER DIODES
logo
Chongqing Pingwei Enter...
BZV85C2V7 CHONGQING-BZV85C2V7 Datasheet
61Kb / 3P
SILICON PLANAR ZENER DIODES
logo
SEMTECH ELECTRONICS LTD...
BZX84B2V4 SEMTECH_ELEC-BZX84B2V4 Datasheet
228Kb / 3P
SILICON PLANAR ZENER DIODES
logo
Zowie Technology Corpor...
MM3Z5221BH ZOWIE-MM3Z5221BH Datasheet
190Kb / 3P
SILICON PLANAR ZENER DIODES
logo
Shenzhen Jin Yu Semicon...
MM1Z2V0 HTSEMI-MM1Z2V0 Datasheet
236Kb / 4P
SILICON PLANAR ZENER DIODES
MM3Z2V2B HTSEMI-MM3Z2V2B Datasheet
675Kb / 4P
Silicon Planar Zener Diodes
ZMM1 HTSEMI-ZMM1 Datasheet
1Mb / 8P
SILICON PLANAR ZENER DIODES
logo
Continental Device Indi...
BZX85C2V7 CDIL-BZX85C2V7 Datasheet
108Kb / 3P
SILICON PLANAR ZENER DIODES
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com