Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FR103W Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # FR103W
Description  For surface mounted applications
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FR103W Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  FR103W Datasheet HTML 1Page - First Silicon Co., Ltd FR103W Datasheet HTML 2Page - First Silicon Co., Ltd FR103W Datasheet HTML 3Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2019. 09. 24
2/3
Revision No : 0
FR101W ~ FR107W
0.2
0.4
0.6
0.8
1.0
1.2
0.0
25
50
75
100
125
150
175
ar
ur en
n
u ve
Case Temperature (°C)
Single phase half-wave 60 Hz
resistive or inductive load
i
y
n
n u
r
haracter stics
0.5
1.0
1.5
2.0
2.5
0.0
0.01
0.1
1.0
10
Instaneous Forward Voltage (V)
T =25
J
°
C
pulse with 300μs
1% duty cycle
i
y c
v
h r ter i
0.1
1.0
10
100
20
40
60
80
100
120
00
140
percent of Rated Peak
Voltage (%)
Reverse
T =125
J
°
C
T =25
J
°
C
g
yp ca uncti n apacitanc
1.0
10
100
0.1
1
10
100
Reverse Voltage (V)
T =25
J
°
C
05
10
15
20
25
30
00
10
100
x mum N n
t
w
u
ur nt
Number of Cycles
8.3 ms Single Half Sine Wave
(JEDEC Method)
1
35



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com