Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FR103W Datasheet(PDF) 3 Page - First Silicon Co., Ltd

Part # FR103W
Description  For surface mounted applications
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FR103W Datasheet(HTML) 3 Page - First Silicon Co., Ltd

  FR103W Datasheet HTML 1Page - First Silicon Co., Ltd FR103W Datasheet HTML 2Page - First Silicon Co., Ltd FR103W Datasheet HTML 3Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
2019. 09. 24
3/3
Revision No : 0
A KA
IN
A
∠ALL ROUND
V
A
M
UNIT
mm
1.1
0.20
2.9
1.9
3.8
0.9
0.12
2.6
1.7
3.5
7°
max
min
mil
max
min
43
35
7.9
4.7
114
102
75
67
150
138
A
C
D
E
HE
∠
1.1
0.8
43
31
e
Bottom View
HE
∠ALL ROUND
E
D
g
Top View
0.9
0.7
35
28
g
g
e
e
2.0
(79)
1.2
(47)
mm
(mil)
Unit:
1.2
(47)
FR101W ~ FR107W
Type number
Marking code
FR101W
F2
F5
F7
FR102W
FR103W
FR104W
FR105W
FR106W
FR107W



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com