Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL331 Datasheet(PDF) 1 Page - ON Semiconductor

Part # TL331
Description  Comparator, Single Channel, Open Collector, Low Power, Wide Supply Range
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

TL331 Datasheet(HTML) 1 Page - ON Semiconductor

  TL331 Datasheet HTML 1Page - ON Semiconductor TL331 Datasheet HTML 2Page - ON Semiconductor TL331 Datasheet HTML 3Page - ON Semiconductor TL331 Datasheet HTML 4Page - ON Semiconductor TL331 Datasheet HTML 5Page - ON Semiconductor TL331 Datasheet HTML 6Page - ON Semiconductor TL331 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
© Semiconductor Components Industries, LLC, 2017
May, 2018 − Rev. 2
1
Publication Order Number:
TL331/D
TL331, TL331V
Comparator, Single Channel,
Open Collector, Low Power,
Wide Supply Range
Description
The TL331 is an open collector, low−power comparator designed
specifically to operate over a wide supply range from 2 V to 36 V
single supply and
±1 V to ±18 V for split supplies. The input
common−mode voltage range includes ground, even when operated
from a single power supply voltage. TL331 comes in a space saving
TSOP−5 package and is also available in an automotive qualified
version.
Features
Wide Single Supply Voltage Range or Dual Supplies
Low Supply Current: 0.5 mA Typical
Low Input Bias Current: 25 nA Typical
Low Input Offset Current: ±5 nA Typical
Low Input Offset Voltage: ±2 mV Typical
Input Common Mode Voltage Range includes Ground
Low Output Saturation Voltage: 150 mV Typ at IO = 4 mA
Differential Input Voltage Range Equal to the Supply Voltage
TTL, DTL, ECL, CMOS Compatible Devices
TL331V for Automotive and Other Applications Requiring Unique
Site and Control Change Requirements; AEC−Q100 Qualified and
PPAP Capable*
These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant
VEE
VEE
VCC
IN+
IN−
VEE
Vout
www.onsemi.com
1
5
TSOP−5
SN SUFFIX
CASE 483
TL3 = Specific Device Code
A
= Assembly Location
Y
= Year
W
= Work Week
G
= Pb−Free Package
1
5
TL3AYW
G
G
(Note: Microdot may be in either location)
Device
Package
Shipping
ORDERING INFORMATION
TL331SN4T3G
TSOP−5
(Pb−Free)
3000 / Tape &
Reel
MARKING DIAGRAM
1
2
3
5
4
OUT
VCC
IN−
VEE
IN+
PIN CONNECTIONS
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specification
Brochure, BRD8011/D.
TL331VSN4T3G*
TSOP−5
(Pb−Free)
3000 / Tape &
Reel


Similar Part No. - TL331

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL331 TI-TL331 Datasheet
60Kb / 4P
SINGLE DIFFERENTIAL COMPARATOR
TL331 TI-TL331 Datasheet
161Kb / 6P
SINGLE DIFFERENTIAL COMPARATOR
TL331 TI1-TL331 Datasheet
802Kb / 18P
Single Differential Comparator
TL331 TI1-TL331 Datasheet
995Kb / 21P
TL331B, TL391B and TL331 Single Comparators
TL331 TI-TL331 Datasheet
1Mb / 27P
TL331B-Q1, TL391B-Q1 and TL331-Q1 Automotive Single Comparators
More results

Similar Description - TL331

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL499A TI-TL499A Datasheet
114Kb / 8P
WIDE-RANGE POWER-SUPPLY CONTROLLERS
logo
Lite-On Technology Corp...
LTR-3208E LITEON-LTR-3208E Datasheet
102Kb / 3P
WIDE RANGE OF COLLECTOR CURRENT
LTR-301 LITEON-LTR-301 Datasheet
88Kb / 3P
WIDE RANGE OF COLLECTOR CURRENT
LTR-5576D LITEON-LTR-5576D Datasheet
154Kb / 4P
WIDE RANGE OF COLLECTOR CURRENT
logo
Advanced Monolithic Sys...
AMS303 AMS-AMS303 Datasheet
150Kb / 7P
MICROPOWER COMPARATOR, OPEN COLLECTOR OUTPUT
logo
Advanced Monolithic Sys...
AMS303 ADMOS-AMS303 Datasheet
150Kb / 7P
MICROPOWER COMPARATOR, OPEN COLLECTOR OUTPUT
logo
SHANGHAI BELLING CO., L...
BL1532TQFN BELLING-BL1532TQFN Datasheet
276Kb / 12P
Wide Power Supply Range
BL1554 BELLING-BL1554 Datasheet
312Kb / 6P
Wide Power Supply Range
logo
AiT Semiconductor Inc.
AO331 AITSEMI-AO331 Datasheet
1Mb / 11P
OPEN-DRAIN OUTPUT LOW POWER CMOS SINGLE COMPARATOR
REV1.0
logo
New Japan Radio
NJM8190 NJRC-NJM8190 Datasheet
895Kb / 17P
Single Channel Low power Comparator
Ver.2.0
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com