Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZX84C2V4 Datasheet(PDF) 3 Page - First Silicon Co., Ltd

Part # BZX84C2V4
Description  ZENER DIODE Planar Die Construction
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

BZX84C2V4 Datasheet(HTML) 3 Page - First Silicon Co., Ltd

  BZX84C2V4 Datasheet HTML 1Page - First Silicon Co., Ltd BZX84C2V4 Datasheet HTML 2Page - First Silicon Co., Ltd BZX84C2V4 Datasheet HTML 3Page - First Silicon Co., Ltd BZX84C2V4 Datasheet HTML 4Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
BZX84C2V4 ~ BZX84C43
2021. 03. 31
3/4
Revision No : 0
Ratings and Characteristics Curves
1
2
34
5
678
9
10
11
1
10
100
1
1
0
100
1
10
100
1000
10
15
20
25
30
35
40
45
50
1
10
100
0
4
8
12
16
20
24
28
32
36
40
44
-5
0
5
10
15
20
25
30
35
40
0
25
50
75
100
125
150
0
50
100
150
200
250
300
350
1
10
100
1
10
100
1000
0
5
10
15
20
25
30
35
40
45
1E-4
1E-3
0.01
0.1
1
10
100
0.5
P
D =300mW
T
a =25
℃
Pulsed
0.5
Zener Characteristics V
Z Up to 10 V
V
Z, ZENER VOLTAGE (V)
T
a=25
℃
f=1MHz
BIAS AT
50% OF V
Z NOM
1V BIAS
0V BIAS
Typical Capacitance
V
Z, NOMINAL ZENER VOLTAGE (V)
P
D =300mW
Zener Characteristics 11 V to 43 V
V
Z, ZENER VOLTAGE (V)
T
a =25
℃
Pulsed
V
Z @ IZT
TYPICAL T
a VALUES
FOR BZX84CXXX SERIES
Temperature Coefficients
V
Z, NOMINAL ZENER VOLTAGE (V)
Power Derating Curve
AMBIENT TEMPERATURE T
a
( )
℃
I
Z=5mA
Effect of Zener Voltage on Zener Impedance
I
Z=1mA
T
a=25
℃
I
Z(AC)=0.1IZ(DC)
f=1kHz
V
Z, NOMINAL ZENER VOLTAGE (V)
Pulsed
Typical Leakage Current
V
Z, NOMINAL ZENER VOLTAGE (V)
T
a=25
℃
T
a=100
℃



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com