Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZX84C2V4 Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # BZX84C2V4
Description  ZENER DIODE Planar Die Construction
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

BZX84C2V4 Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  BZX84C2V4 Datasheet HTML 1Page - First Silicon Co., Ltd BZX84C2V4 Datasheet HTML 2Page - First Silicon Co., Ltd BZX84C2V4 Datasheet HTML 3Page - First Silicon Co., Ltd BZX84C2V4 Datasheet HTML 4Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SEMICONDUCTOR
TECHNICAL DATA
BZX84C2V4 ~ BZX84C43
2021. 03. 31
1/4
Revision No : 0
ZENER DIODE
Maximum Ratings (Ta=25
unless otherwise specified )
1
2
3
1. Anode
3. Cathode
■Simplified outline(SOT-23)
1
3
2
Features
• Planar Die Construction
• 300mW Power Dissipation
• Ideally Suited for Automated Assembly Processes
This series of Zener diodes is offered in the convenient,
surface mount plastic SOT-23 package. These devices
are designed to provide voltage regulation with minimum
space requirement. They are well suited for applications
such as cellular phones, hand held portables, and high
density PC boards.
t
i
n
U
g
n
i
t
a
R
l
o
b
m
y
S
r
e
t
e
m
a
r
a
P
Forward Voltage at IF
V
A
m
0
1
=
F
0.9
V
P
*
n
o
i
t
a
p
i
s
s
i
D
r
e
w
o
P
D
300
T
e
r
u
t
a
r
e
p
m
e
T
n
o
i
t
c
n
u
J
j
150
T
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S
S
-65 to+ 150
Thermal Resistance Junction to Ambient Air *
RthA
417
/W
*Device mounted on FR-4 PC board with recommended pad layout,
mW


Similar Part No. - BZX84C2V4

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
BZX84C2V4 WTE-BZX84C2V4 Datasheet
56Kb / 4P
350mW SURFACE MOUNT ZENER DIODE
logo
Diodes Incorporated
BZX84C2V4 DIODES-BZX84C2V4 Datasheet
61Kb / 4P
300mW SURFACE MOUNT ZENER DIODE
DS18001 Rev. 18 - 2
logo
Micro Commercial Compon...
BZX84C2V4 MCC-BZX84C2V4 Datasheet
126Kb / 4P
Silicon 410 mWatt Zener Diodes
logo
Central Semiconductor C...
BZX84C2V4 CENTRAL-BZX84C2V4 Datasheet
120Kb / 2P
SURFACE MOUNT 350mW SILICON ZENER DIODE 2.4 VOLTS THRU 47 VOLTS
BZX84C2V4 CENTRAL-BZX84C2V4 Datasheet
120Kb / 2P
surface mount silicon Zener diodes
More results

Similar Description - BZX84C2V4

ManufacturerPart #DatasheetDescription
logo
SHENZHEN YONGERJIA INDU...
BZX84C2V4 WINNERJOIN-BZX84C2V4 Datasheet
435Kb / 5P
Planar Die Construction.
MMSZ5221B WINNERJOIN-MMSZ5221B Datasheet
130Kb / 3P
Planar Die Construction
BZT52C2V4 WINNERJOIN-BZT52C2V4 Datasheet
238Kb / 3P
Planar Die Construction
logo
Diodes Incorporated
BZT52C4V3S-7 DIODES-BZT52C4V3S-7 Datasheet
88Kb / 4P
Planar Die Construction
Rev 18
logo
Pan Jit International I...
PJZ4V3XBWS PANJIT-PJZ4V3XBWS Datasheet
107Kb / 5P
Planar Die construction
logo
SHIKUES Electronics
MMBZ5221B SKTECHNOLGY-MMBZ5221B Datasheet
856Kb / 3P
Planar Die Construction
MMBZ5221BS SKTECHNOLGY-MMBZ5221BS Datasheet
856Kb / 3P
Planar Die Construction
MMBZ5221BW SKTECHNOLGY-MMBZ5221BW Datasheet
853Kb / 3P
Planar Die Construction
logo
Shanghai Leiditech Elec...
BZT52C2V0 LEIDITECH-BZT52C2V0 Datasheet
466Kb / 4P
Planar die construction
BZX84C2V4 LEIDITECH-BZX84C2V4 Datasheet
1Mb / 5P
Planar Die Construction
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com