Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSC2021 Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # DSC2021
Description  Low-Jitter Configurable Dual LVPECL-CMOS Oscillator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

DSC2021 Datasheet(HTML) 4 Page - Micrel Semiconductor

  DSC2021 Datasheet HTML 1Page - Micrel Semiconductor DSC2021 Datasheet HTML 2Page - Micrel Semiconductor DSC2021 Datasheet HTML 3Page - Micrel Semiconductor DSC2021 Datasheet HTML 4Page - Micrel Semiconductor DSC2021 Datasheet HTML 5Page - Micrel Semiconductor DSC2021 Datasheet HTML 6Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
______________________________________________________________________________________________________________________________________________
DSC2021
Page 4
MK-Q-B-P-D-12042604-2
DSC2021
Low-Jitter Configurable Dual LVPECL-CMOS Oscillator
Specifications (Unless specified otherwise: T=25° C, max CMOS drive strength)
Notes:
1.
Pin 4 VDD should be filtered with 0.01uf capacitor.
2.
Output is enabled if Enable pad is floated or not connected.
3.
tsu is time to stable output frequency after VDD is applied and outputs are enabled.
4.
Output Waveform and Test Circuit figures below define the parameters.
5.
Period Jitter includes crosstalk from adjacent output.
Parameter
Condition
Min.
Typ.
Max.
Unit
Supply Voltage1
VDD
2.25
3.6
V
Supply Current
IDD
EN pin low – outputs are disabled
21
23
mA
Supply Current2
IDD
EN pin high – outputs are enabled
LVPECL: RL=50Ω, FO1=125 MHz
CMOS: CL=15pF, FO2=75 MHz
62
mA
Frequency Stability
Δf
Includes frequency variations due
to initial tolerance, temp. and
power supply voltage
±10
±25
±50
ppm
Aging
Δf
1 year @25°C
±5
ppm
Startup Time3
tSU
T=25°C
5
ms
Input Logic Levels
Input logic high
Input logic low
VIH
VIL
0.75xVDD
-
-
0.25xVDD
V
Output Disable Time4
tDA
5
ns
Output Enable Time
tEN
20
ns
Pull-Up Resistor2
Pull-up exists on all digital IO
40
kΩ
LVPECL Output
Output Logic Levels
Output logic high
Output logic low
VOH
VOL
RL=50Ω
VDD-1.08
-
-
VDD-1.55
V
Pk to Pk Output Swing
Single-Ended
800
mV
Output Transition time4
Rise Time
Fall Time
tR
tF
20% to 80%
RL=50Ω, CL= 0pF (to GND)
250
ps
Frequency
f0
Single Frequency
2.3
460
MHz
Output Duty Cycle
SYM
Differential
48
52
%
Period Jitter5
JPER
FO1=125 MHz
2.5
psRMS
Integrated Phase Noise
JCC
200kHz to 20MHz @156.25MHz
100kHz to 20MHz @156.25MHz
12kHz to 20MHz @156.25MHz
0.25
0.38
1.7
2
psRMS
CMOS Output
Output Logic Levels
Output logic high
Output logic low
VOH
VOL
I=±6mA
0.9xVDD
-
-
0.1xVDD
V
Output Transition time4
Rise Time
Fall Time
tR
tF
20% to 80%
CL=15pf
1.1
1.3
2
2
ns
Frequency
f0
Commercial/Industrial temp range
2.3
170
MHz
Output Duty Cycle
SYM
45
55
%
Period Jitter5
JPER
FO2=125 MHz
3
psRMS
Integrated Phase Noise
JCC
200kHz to 20MHz @ 125MHz
100kHz to 20MHz @ 125MHz
12kHz to 20MHz @ 125MHz
0.3
0.38
1.7
2
psRMS



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com