Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSC2021 Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # DSC2021
Description  Low-Jitter Configurable Dual LVPECL-CMOS Oscillator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

DSC2021 Datasheet(HTML) 5 Page - Micrel Semiconductor

  DSC2021 Datasheet HTML 1Page - Micrel Semiconductor DSC2021 Datasheet HTML 2Page - Micrel Semiconductor DSC2021 Datasheet HTML 3Page - Micrel Semiconductor DSC2021 Datasheet HTML 4Page - Micrel Semiconductor DSC2021 Datasheet HTML 5Page - Micrel Semiconductor DSC2021 Datasheet HTML 6Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
______________________________________________________________________________________________________________________________________________
DSC2021
Page 5
MK-Q-B-P-D-12042604-2
DSC2021
Low-Jitter Configurable Dual LVPECL-CMOS Oscillator
Nominal Performance Parameters (Unless specified otherwise: T=25° C, V
DD=3.3 V)
LVPECL Phase jitter (integrated phase noise)
CMOS Phase jitter (integrated phase noise)
Output Waveform: LVPECL
Output Waveform: CMOS
0.0
0.5
1.0
1.5
2.0
2.5
0
200
400
600
800
1000
Low-end of integration BW: x kHz to 20 MHz
156MHz-LVPECL
212MHz-LVPECL
320MHz-LVPECL
410MHz-LVPECL
0.0
0.5
1.0
1.5
2.0
2.5
0
200
400
600
800
1000
Low-end of integration BW: x kHz to 20 MHz
25MHz-CMOS
50MHz-CMOS
106MHz-CMOS
125MHz-CMOS
VIL
1/
f o
Output
Enable
tDA
tEN
tF
tR
VIH
80%
20%
50%
Output
830 mv
VOH
VOL
VIL
1/fo
Output
Enable
tDA
tEN
tF
tR
VIH



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com