Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSC2131 Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # DSC2131
Description  Low-Jitter I2C/SPI Programmable Dual LVDS-CMOS Oscillator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

DSC2131 Datasheet(HTML) 4 Page - Micrel Semiconductor

  DSC2131 Datasheet HTML 1Page - Micrel Semiconductor DSC2131 Datasheet HTML 2Page - Micrel Semiconductor DSC2131 Datasheet HTML 3Page - Micrel Semiconductor DSC2131 Datasheet HTML 4Page - Micrel Semiconductor DSC2131 Datasheet HTML 5Page - Micrel Semiconductor DSC2131 Datasheet HTML 6Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
______________________________________________________________________________________________________________________________________________
DSC2131 DSC2231
Page 4
MK-Q-B-P-D-12050107
DSC2131
Low-Jitter I2C/SPI Programmable Dual LVDS-CMOS
DSC2231
Specifications (Unless specified otherwise: T=25° C)
Notes:
1.
Pin 4 VDD should be filtered with 0.01uf capacitor.
2.
Output is enabled if Enable pad is floated or not connected.
3.
tsu is time to stable output frequency after VDD is applied and outputs are enabled.
4.
Output Waveform and Test Circuit figures below define the parameters.
5.
Period Jitter includes crosstalk from adjacent output.
Parameter
Condition
Min.
Typ.
Max.
Unit
Supply Voltage1
VDD
2.25
3.6
V
Supply Current
IDD
EN pin low – outputs are disabled
21
23
mA
Supply Current2
IDD
EN pin high – outputs are enabled
LVDS: RL=100Ω, FO1=125 MHz
CMOS: CL=15pF, FO2=75 MHz
49
mA
Supply Current2
IDD
EN pin high – outputs are enabled
RL=100Ω, FO1=FO2 =156.25 MHz
38
mA
Frequency Stability
Δf
Includes frequency variations due
to initial tolerance, temp. and
power supply voltage
±25
±50
ppm
Aging
Δf
1 year @25°C
±5
ppm
Startup Time3
tSU
T=25°C
5
ms
Input Logic Levels
Input logic high
Input logic low
VIH
VIL
0.75xVDD
-
-
0.25xVDD
V
Output Disable Time4
tDA
5
ns
Output Enable Time
tEN
20
ns
Pull-Up Resistor2
Pull-up exists on all digital IO
40
kΩ
LVDS Output
Output Offset Voltage
R=100Ω Differential
1.125
1.4
V
Delta Offset Voltage
50
mV
Pk to Pk Output Swing
Single-Ended
350
mV
Output Transition time4
Rise Time
Fall Time
tR
tF
20% to 80%
RL=50Ω, CL= 2pF
200
ps
Frequency
f0
Single Frequency
2.3
460
MHz
Output Duty Cycle
SYM
Differential
48
52
%
Period Jitter5
JPER
FO1=125 MHz
2.5
psRMS
Integrated Phase Noise
JCC
200kHz to 20MHz @156.25MHz
100kHz to 20MHz @156.25MHz
12kHz to 20MHz @156.25MHz
0.28
0.4
1.7
2
psRMS
CMOS Output
Output Logic Levels
Output logic high
Output logic low
VOH
VOL
I=±6mA
0.9xVDD
-
-
0.1xVDD
V
Output Transition time4
Rise Time
Fall Time
tR
tF
20% to 80%
CL=15pf
1.1
1.3
2
2
ns
Frequency
f0
Commercial/Industrial temp range
2.3
170
MHz
Output Duty Cycle
SYM
45
55
%
Period Jitter5
JPER
FO2=125 MHz
3
psRMS
Integrated Phase Noise
JCC
200kHz to 20MHz @ 125MHz
100kHz to 20MHz @ 125MHz
12kHz to 20MHz @ 125MHz
0.3
0.38
1.7
2
psRMS



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com